Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2145 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2145
Description  5.5V, 6A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2145 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2145 Datasheet HTML 7Page - Monolithic Power Systems MP2145 Datasheet HTML 8Page - Monolithic Power Systems MP2145 Datasheet HTML 9Page - Monolithic Power Systems MP2145 Datasheet HTML 10Page - Monolithic Power Systems MP2145 Datasheet HTML 11Page - Monolithic Power Systems MP2145 Datasheet HTML 12Page - Monolithic Power Systems MP2145 Datasheet HTML 13Page - Monolithic Power Systems MP2145 Datasheet HTML 14Page - Monolithic Power Systems MP2145 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MP2145
– 5.5V, 6A, 1.2MHz, COT, BUCK SWITCHER
MP2145 Rev. 1.11
www.MonolithicPower.com
11
12/20/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
1, 9
SW
Switch Node. Connect to the inductor. This pin connects to the internal high-side and low-
side power MOSFET switches.
2
OUT
Output Voltage Sensing pin.
3
FB
Feedback. Input to the error amplifier. Connect to an external resistor divider between the
output and GND. Comparing the FB voltage to the internal 0.6V reference sets the
regulation voltage.
4
RAMP
External Ramp. Sets the ramp to optimize the transient performance.
5
EN
Enable. EN is high voltage level to enable. For automatic start-up, connect EN pin to VIN
pin with a pull-up resistor.
6
MODE
/VCON
Multi-Use Pin. 1. PWM and PFM Selection. When MODE is more than 1.2V, MP2145
enters PWM mode. When MODE is lower than 0.4V or floating, MP2145 enters PFM
mode. 2. Analog Voltage Dynamic Regulation. Analog voltage input pin which control
output voltage by PWM mode.
7
PG
Power Good. The output of this pin is an open drain with internal pull up resistor to VIN.
PG is pulled up to VIN when the FB voltage is within 10% of the regulation level, otherwise
it is LOW. There is a 140µs delay between when VFB reach PG threshold to when the PG
pin goes HIGH.
8,
exposed
pad
VIN
Input Supply. Requires a decoupling capacitor to ground to reduce switching spikes.
10, 11,12
GND
IC Ground. Connect these pins to larger copper areas to the negative terminals of the
input and output capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com