Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2147 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP2147
Description  5.5V, 4A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2147 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP2147 Datasheet HTML 11Page - Monolithic Power Systems MP2147 Datasheet HTML 12Page - Monolithic Power Systems MP2147 Datasheet HTML 13Page - Monolithic Power Systems MP2147 Datasheet HTML 14Page - Monolithic Power Systems MP2147 Datasheet HTML 15Page - Monolithic Power Systems MP2147 Datasheet HTML 16Page - Monolithic Power Systems MP2147 Datasheet HTML 17Page - Monolithic Power Systems MP2147 Datasheet HTML 18Page - Monolithic Power Systems MP2147 Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
MP2147 – 5.5V, 4A, 1.2MHz, COT, BUCK SWITCHER
MP2147 Rev. 1.1
www.MonolithicPower.com
17
6/8/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Selecting the Output Capacitor
The output capacitor stabilizes the DC output
voltage. Ceramic capacitors are recommended.
Low ESR capacitors are preferred to limit the
output voltage ripple. Estimate the output
voltage ripple as:
OUT
OUT
OUT
ESR
S1
IN
S
VV
1
V1
R
fL
V
8 f
C2



 


 
 
Where L1 is the inductor value and RESR is the
equivalent series resistance (ESR) value of the
output capacitor.
When
using
ceramic
capacitors,
the
capacitance dominates the impedance at the
switching frequency, and causes most of the
output voltage ripple. For simplification, the
output voltage ripple can be estimated as:
OUT
OUT
OUT
2
S1
IN
VV
ΔV1
8f
L
C2
V

 

 

For tantalum or electrolytic capacitors, the ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple
can be approximated as:
OUT
OUT
OUT
ESR
IN
S1
VV
ΔV1
R
fL
V

 


The characteristics of the output capacitor also
affect the stability of the regulation system. For
MP2147, 2pcs 22uF Co can satisfy the most
application. Add Co can reduce DCM and CCM
output ripple effectively. However, a very large
Co may cause light group pulse in sleep mode.
PCB Layout Recommendation
Proper layout of the switching power supplies is
very important, and sometimes critical to make
it work properly. Especially, for the high
switching converter, if the layout is not carefully
done, the regulator could show poor line or load
regulation, stability issues.
For MP2147, the high speed step-down
regulator, the input capacitor should be placed
as close as possible to the IC pins. As shown in
Figure 7, the 0805 size ceramic capacitor is
used, please make sure the two ends of the
ceramic capacitor be directly connected to PIN
8 (the Power Input Pin) and PIN 10/11/12 (the
Power GND Pin).
Figure 7: Two ends of Input decoupling
Capacitor close to Pin 8 and Pin 10/11/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com