Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2159A Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2159A
Description  1 A, 6 V, 1.5 MHz, Low IQ, COT Synchronous Step-Down Converter in 8-pin TSOT23
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2159A Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2159A Datasheet HTML 7Page - Monolithic Power Systems MP2159A Datasheet HTML 8Page - Monolithic Power Systems MP2159A Datasheet HTML 9Page - Monolithic Power Systems MP2159A Datasheet HTML 10Page - Monolithic Power Systems MP2159A Datasheet HTML 11Page - Monolithic Power Systems MP2159A Datasheet HTML 12Page - Monolithic Power Systems MP2159A Datasheet HTML 13Page - Monolithic Power Systems MP2159A Datasheet HTML 14Page - Monolithic Power Systems MP2159A Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MP2159A – 1 A, 6 V, 1.5 MHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2159A Rev. 1.02
www.MonolithicPower.com
12
6/30/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
The external resistor divider sets the output
voltage (see Typical Application on page 1).
The value of the feedback resistor (R1) cannot
be too large or too small, considering the trade-
off between a dynamic circuit and stability in the
circuit. Choose R1 around 120 kΩ to 200 kΩ.
R2 is then given using Equation (2):
out
R1
R2
V
1
0.6
(2)
The feedback circuit is highly recommended
(see Figure 2).
R1
R2
Vout
FB
MP2159A
Figure 2—Feedback network
Table 1 lists the recommended resistor values
for common output voltages.
Table 1—Resistor selection for common output
voltages
VOUT (V)
R1 (kΩ)
R2 (kΩ)
1.0
200(1%)
300(1%)
1.2
200(1%)
200(1%)
1.8
200(1%)
100(1%)
2.5
200(1%)
63.2(1%)
3.3
200(1%)
44.2(1%)
Selecting the Inductor
A 0.68 µH to 2.2 µH inductor is recommended
for most applications. For highest efficiency, the
inductor DC resistance should be less than
15 mΩ. For most designs, the inductance value
can be derived from Equation (3):
OUT
IN
OUT
1
IN
L
OSC
V(V
V
)
L
VI
f

 
(3)
Where ΔIL is the inductor ripple current.
Choose
the
inductor
current
to
be
approximately 30 percent of the maximum load
current. The maximum inductor peak current
can be calculated using Equation (4):
2
I
I
I
L
LOAD
)
MAX
(
L
(4)
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous, and therefore a capacitor is
required to supply the AC current to the step-
down converter while maintaining the DC input
voltage. Use low ESR capacitors for the best
performance. Ceramic capacitors with X5R or
X7R dielectrics are highly recommended
because
of
their
low
ESR
and
small
temperature coefficients. For most applications,
a 10 µF capacitor is sufficient. For a higher
output voltage, a 22 μF capacitor may be
needed for a more stable system.
Since the input capacitor absorbs the input
switching current, it requires an adequate ripple
current rating. The RMS current in the input
capacitor can be estimated using Equation (5)
and Equation (6):
IN
OUT
IN
OUT
LOAD
1
C
V
V
1
V
V
I
I
(5)
The worse case condition occurs at VIN = 2VOUT,
where:
2
I
I
LOAD
1
C
(6)
For simplification, choose an input capacitor
with an RMS current rating greater than half of
the maximum load current. The input capacitor
can be electrolytic, tantalum, or ceramic. When
using electrolytic or tantalum capacitors, a small,
high-quality ceramic capacitor (e.g., 0.1 μF)
should be placed as close to the IC as possible.
When using ceramic capacitors, make sure
they have enough capacitance to provide
sufficient charge to prevent excessive voltage
ripple at the input. The input voltage ripple
caused by capacitance can be estimated using
Equation (7):
LOAD
OUT
OUT
IN
IN
SIN
IV
V
V1
fC1
V
V


 


(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com