Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPW34FASR Datasheet(PDF) 1 Page - OSRAM GmbH

Part # BPW34FASR
Description  Silicon PIN Photodiode with Daylight Filter; in SMT as Reverse Gullwing Version 1.5
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPW34FASR Datasheet(HTML) 1 Page - OSRAM GmbH

  BPW34FASR Datasheet HTML 1Page - OSRAM GmbH BPW34FASR Datasheet HTML 2Page - OSRAM GmbH BPW34FASR Datasheet HTML 3Page - OSRAM GmbH BPW34FASR Datasheet HTML 4Page - OSRAM GmbH BPW34FASR Datasheet HTML 5Page - OSRAM GmbH BPW34FASR Datasheet HTML 6Page - OSRAM GmbH BPW34FASR Datasheet HTML 7Page - OSRAM GmbH BPW34FASR Datasheet HTML 8Page - OSRAM GmbH BPW34FASR Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2016-03-31
1
2016-03-31
Silicon PIN Photodiode with Daylight Filter; in SMT as Reverse Gullwing
Version 1.5
BPW 34 FASR
Ordering Information
Features:
Especially suitable for the wavelength range of 730 nm to 1100 nm
Short switching time (typ. 20 ns)
DIL plastic package with high packing density
Suitable for reflow soldering
The product qualification test plan is based on the guidelines of AEC-Q101-REV-C, Stress Test Qualification
for Automotive Grade Discrete Semiconductors.
Applications
Photointerrupters
IR remote control of hi-fi and TV sets, dimmers, remote controls of various equipment
Type:
Photocurrent
Ordering Code
I
P [µA]
λ = 870 nm, E
e = 1 mW/cm
2, V
R
= 5 V
BPW 34 FASR
50 (≥ 40)
Q65110A2699


Similar Part No. - BPW34FASR

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BPW34FAS SIEMENS-BPW34FAS Datasheet
48Kb / 5P
Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
logo
OSRAM GmbH
BPW34FAS OSRAM-BPW34FAS Datasheet
74Kb / 6P
Si-PIN-Fotodiode mit Tageslichtsperrfilter
More results

Similar Description - BPW34FASR

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
BPW34FS OSRAM-BPW34FS Datasheet
394Kb / 13P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.4
BP-104-F OSRAM-BP-104-F Datasheet
213Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.4
BP-104-FAS OSRAM-BP-104-FAS Datasheet
397Kb / 14P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.3
BP-104-FASR OSRAM-BP-104-FASR Datasheet
395Kb / 13P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.3
BP-104-FS OSRAM-BP-104-FS Datasheet
371Kb / 13P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.4
BPW-34-F OSRAM-BPW-34-F Datasheet
210Kb / 8P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.5
BPW-34-FA OSRAM-BPW-34-FA Datasheet
211Kb / 8P
Silicon PIN Photodiode with Daylight Filter Version 1.5
BPW-34-FAS OSRAM-BPW-34-FAS Datasheet
395Kb / 13P
Silicon PIN Photodiode with Daylight Filter; in SMT Version 1.4
BPW-34-FASR OSRAM-BPW-34-FASR Datasheet
395Kb / 13P
Silicon PIN Photodiode with Daylight Filter; in SMT as Reverse Gullwing Version 1.5
BPW-34-FSR OSRAM-BPW-34-FSR Datasheet
394Kb / 13P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com