Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT510X Datasheet(PDF) 21 Page - Active-Semi, Inc

Part # ACT510X
Description  23V Buck-Boost Converter with Integrated MOSFETs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT510X Datasheet(HTML) 21 Page - Active-Semi, Inc

Back Button ACT510X Datasheet HTML 17Page - Active-Semi, Inc ACT510X Datasheet HTML 18Page - Active-Semi, Inc ACT510X Datasheet HTML 19Page - Active-Semi, Inc ACT510X Datasheet HTML 20Page - Active-Semi, Inc ACT510X Datasheet HTML 21Page - Active-Semi, Inc ACT510X Datasheet HTML 22Page - Active-Semi, Inc ACT510X Datasheet HTML 23Page - Active-Semi, Inc ACT510X Datasheet HTML 24Page - Active-Semi, Inc ACT510X Datasheet HTML 25Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
ACT510x
Rev 1.0, 04-Apr-2018
21
REG 0x00: Main Control 1 (R/W) (VM)
Bit
Name
Description
Comment
7
HIZ
0
Y
0: Not in HIZ mode
1: In HIZ mode
Bit to control if IC is in HIZ mode.
6
RFU
0
Y
5
RFU
0
Y
4
RFU
0
Y
3
RFU
0
Y
2
WATCHDOG_RESET
0
Y
0: Normal
1: Reset
I2C Watchdog Timer Reset
This must be written to 1 before Watchdog timer expires,
if Watchdog timer is enabled. This is auto clearing when
writing to a 1.
1
Audio Frequency Limit
0
Y
0: No limit
1: Minimum 40kHz
0: No limit of switching frequency
1: Set minimum switching frequency to 40kHz to avoid
audio noise
0
REGISTER_RESET
0
NA
1: Reset Registers to
Default
Register is self-clearing. Write to 1 resets registers and
set reset register back to 0.
REG 0x01: Main Control 2 (R/W) (NVM)
Bit
Name
Description
Comment
7
RFU
1
Y
6
DIS_OCP_SHUTDO
WN
1
Y
0: Enable
1: Disable
If set to 0, the device will be disabled if FET cycle by
cycle current limit is detected for 8 (or 16) continuous
cycles. Uses the FET_LIMIT register setting for the FET
ILIM.
5
DIS_VIN_OVP
0
Y
0: Enable
1: Disable
When set to 1, a VIN_OVP fault does not latch off the
charger in a fault mode.
Charger will restart
automatically when the OVP condition is removed.
4
FET_ILIMIT
1
Y
0: 8.5A
1: 10A
This is the cycle by cycle current limit setting for ALL
FETS in any operating mode:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com