Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2803QJ-T Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT2803QJ-T
Description  5V/2.4A Dual Cell Battery Power Manager
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2803QJ-T Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT2803QJ-T Datasheet HTML 1Page - Active-Semi, Inc ACT2803QJ-T Datasheet HTML 2Page - Active-Semi, Inc ACT2803QJ-T Datasheet HTML 3Page - Active-Semi, Inc ACT2803QJ-T Datasheet HTML 4Page - Active-Semi, Inc ACT2803QJ-T Datasheet HTML 5Page - Active-Semi, Inc ACT2803QJ-T Datasheet HTML 6Page - Active-Semi, Inc ACT2803QJ-T Datasheet HTML 7Page - Active-Semi, Inc ACT2803QJ-T Datasheet HTML 8Page - Active-Semi, Inc ACT2803QJ-T Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Rev 1, May-12-2016
Innovative PowerTM
- 4 -
www.active-semi.com
Copyright © 2016 Active-Semi, Inc.
ACT2803
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
29
LED2
Battery level indicator.
30
LED3
Battery level indicator.
31
LED4
Battery level indicator.
32
LEDLS1
LED1 threshold level shift. Connect a resistor from the pin to AGND to shift LED1 threshold.
33
LEDLS2
LED2 threshold level shift. Connect a resistor from the pin to AGND to shift LED2 threshold.
34
LEDLS3
LED3 threshold level shift. Connect a resistor from the pin to AGND to shift LED3 threshold.
35
LEDLS4
LED4 threshold level shift. Connect a resistor from the pin to AGND to shift LED4 threshold.
36
PT
LED indication mode input. The 5 modes of LED indication patterns are set by a voltage at this
pin. Connect a resistor at the pin to set the voltage and an LED indication pattern .
37
RIMC
RIMC Battery impedance compensation input. Connect a resistor to this pin to offset the LED
thresholds in charge mode and discharge mode.
38
HYST
The hysteresis window setting input. Connect a resistor at the pin to set the hysteresis windows
for LED1, 2, 3, 4. In charge mode, LED thresholds moves up and in discharge mode, LED
thresholds moves down.
39
DM
Output port auto detection input. Connected to portable device D-.
40
DP
Output port auto detection input. Connected to portable device D+.
41
PGND
Exposed pad. Must be soldered to ground plane layer(s) on the PCB for best electrical and
thermal conductivity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com