Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2804 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT2804
Description  5V/3.4A Dual Cell Battery Power Manager
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2804 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT2804_17 Datasheet HTML 1Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 2Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 3Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 4Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 5Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 6Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 7Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 8Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2017 Active-Semi, Inc.
FEATURES
 Dedicated Single-chip Integrated Battery Power
Manager
 Dual Cell Battery Charger with Cell Balancing
Management
 Auto Detection support USB BC1.2, Chinese
YD/T 1591-2009, Apple 2.4A, and Samsung
Devices
 Passed Apple MFi Test
 4.5V-5.5V Input Voltage with 3.8A Input Current
Limit
 2.4A+1.0A Dual Outputs with CC Regulation
 5.07V+/-1% Output with Prioritized Power Path
from Input to Output
 4.2V/4.35V +/- 0.5% Battery Charge Voltage
Accuracy of Each Cell
 Output Plug-in Detection Wakeup and No Load
Detection Sleep Mode
 Optimized Power Path and Battery Charge
Control
 <10uA Low Battery Drainage Current
 I2C Port for Optimal System Performance and
Status Reporting
 Configurable Charge, Discharge and HZ modes
 >92% Charge and Discharge Efficiency at 3.4A
Output for Full Battery Range
 4 Modes of LED Operation
 Capability to Charge Wearable Devices
 Weak Input Sources Accommodation
 Safety:
 Input Over-voltage Protection
 Nearly Zero Power Short Circuit Protection
 Output Over-voltage Protection
 Battery Over-charge and Over-discharge
Protections
 Charge/Discharge Thermal Regulation
 TQFN5x5-40 Package
APPLICATIONS
 Backup Battery Pack
 Power Bank
 Dual Cell Boost Battery Charger
 Bluetooth Speaker
 Standalone Battery Charger with USB Output
GENERAL DESCRIPTION
ACT2804 is a space-saving and dedicated single-
chip solution for dual-cell battery charge and
discharge. It takes 5V USB input source to charge a
dual cell battery with boost configuration in three
phases: preconditioning, constant current, and
constant voltage. Charge is terminated when the
current reaches 10% of the fast charge rate. The
battery charger is thermally regulated at 110˚C with
charge current foldback.
If input 5V is not present, ACT2804 discharge a
dual cell battery with buck configuration to provide
5.07V+/-1% to output ports. There is a power path
from input to output. The cycle-by-cycle peak
current mode control, constant current regulation,
short circuit protection and over voltage protection
maximize safe operation.
ACT2804 provides 4 LED drive pins for battery
capacity level and charge status indication to
indicate 25%, 50%, 75%, and 75% above battery
level with battery impedance compensation. The
LED indication patterns are programmable .
ACT2804 is available in a thermally enhanced
5mmx5mm QFN55-40 package with exposed pad.
5V/3.4A Dual Cell Battery Power Manager
Rev 3, Apr-17-2017
ACT2804
Buck Output CC/CV
6.0
5.0
4.0
3.0
2.0
1.0
0
Output Current (mA)
0
500
1000
1500
2000
2500
3000
VBAT = 8.2V
VBAT = 6.0V
1A Output
2.4A Output


Similar Part No. - ACT2804_17

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2804 ACTIVE-SEMI-ACT2804_16 Datasheet
1Mb / 20P
5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
More results

Similar Description - ACT2804_17

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2441 DALLAS-DS2441 Datasheet
134Kb / 29P
1-Cell Li-Ion Battery Manager
logo
Intersil Corporation
ISL94212 INTERSIL-ISL94212 Datasheet
151Kb / 2P
Multi-Cell Li-Ion Battery Manager
December 14, 2012
ISL94212INZ INTERSIL-ISL94212INZ Datasheet
2Mb / 96P
Multi-Cell Li-Ion Battery Manager
April 23, 2015
logo
Active-Semi, Inc
ACT2804 ACTIVE-SEMI-ACT2804 Datasheet
1Mb / 20P
5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
logo
Intersil Corporation
ISL78610 INTERSIL-ISL78610 Datasheet
1Mb / 98P
Multi-Cell Li-Ion Battery Manager
logo
Active-Semi, Inc
ACT2803 ACTIVE-SEMI-ACT2803_16 Datasheet
523Kb / 22P
5V/2.4A Dual Cell Battery Power Manager
Rev 1, May-12-2016
ACT2804 ACTIVE-SEMI-ACT2804_16 Datasheet
1Mb / 20P
5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
ACT2823 ACTIVE-SEMI-ACT2823_16 Datasheet
1Mb / 25P
Dual Cell Li-Ion Battery Charger and Power Bank Manager
REV 1, 01-DEC-2016
ACT2803 ACTIVE-SEMI-ACT2803 Datasheet
523Kb / 22P
5V/2.4A Dual Cell Battery Power Manager
Rev 1, May-12-2016
ACT2823 ACTIVE-SEMI-ACT2823 Datasheet
1Mb / 25P
Dual Cell Li-Ion Battery Charger and Power Bank Manager
REV 1, 01-DEC-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com