Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8892 Datasheet(PDF) 3 Page - Active-Semi, Inc

Part # ACT8892
Description  Advanced Power Management Unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8892 Datasheet(HTML) 3 Page - Active-Semi, Inc

  ACT8892 Datasheet HTML 1Page - Active-Semi, Inc ACT8892 Datasheet HTML 2Page - Active-Semi, Inc ACT8892 Datasheet HTML 3Page - Active-Semi, Inc ACT8892 Datasheet HTML 4Page - Active-Semi, Inc ACT8892 Datasheet HTML 5Page - Active-Semi, Inc ACT8892 Datasheet HTML 6Page - Active-Semi, Inc ACT8892 Datasheet HTML 7Page - Active-Semi, Inc ACT8892 Datasheet HTML 8Page - Active-Semi, Inc ACT8892 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
ACT8892
Rev 2, 01-Jul-15
Innovative PowerTM
- 3 -
www.active-semi.com
Copyright © 2015-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
ACT8892
OUT1
GA
OUT4
OUT5
INL45
OUT7
OUT6
SDA
SCL
VSEL
VDDREF
EP
OUT3
PWREN
OUT2
INL67
NC1
PIN CONFIGURATION
Thin - QFN (TQFN44-32)
ORDERING INFORMATION
: All Active-Semi components are RoHS Compliant and with Pb-free plating unless specified differently. The term Pb-free means
semiconductor products that are in compliance with current RoHS (Restriction of Hazardous Substances) standards.
: Standard product options are identified in this table. Contact factory for custom options, minimum order quantity is 12,000 units.
: To select VSTBYx as a output regulation voltage of REGx, drive VSEL to a logic high. The VSTBYx can be set by software via I
2C
interface, refer to appropriate sections of this datasheet for VSTBYx setting.
PART NUMBER
VOUT1/VSTBY1
VOUT2/VSTBY2 VOUT3/VSTBY3 VOUT4 VOUT5 VOUT6 VOUT7 PACKAGE PINS
TEMPERATURE
RANGE
ACT8892Q4I134-T 1.8V/1.6V
3.0V/3.0V 1.2V/0.95V 2.8V 3.3V 3.0V 1.5V TQFN44-32 32
-40°C to +85°C
ACT8892Q4I185-T
1.1V
2.5V
3.3V
1.5V 1.2V 1.8V 3.3V TQFN44-32 32
-40°C to +85°C
ACT8892Q4I_ _ _-T
Option Code
Pin Count
Package Code
Product Number
Active-Semi
Tape and Reel
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com