Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL945PC Datasheet(PDF) 2 Page - ADL Embedded Solutions

Part # ADL945PC
Description  Power Management
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADL945PC Datasheet(HTML) 2 Page - ADL Embedded Solutions

  ADL945PC Datasheet HTML 1Page - ADL Embedded Solutions ADL945PC Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ADL Embedded Solutions GmbH, Eiserfelder Straße 316 D-57080 Siegen,
ADL Embedded Solutions Inc., 4411 Morena Blvd., Suite 101
Germany P. +49 (0) 271 250 810 0 F. +49 (0) 271 250 810 20
San Diego, CA 92117-4345 P. +1 858 490-0597 F. +1 858 490-0599
e-mail: sales@adl-europe.com; web: www.adl-europe.com
e-mail: sales@adl-usa.com; web: www.adl-usa.com
PC/104-PLUS
Data subject to change without notice
Embedded Solutions
Technical Specifications
FEATURE
FUNCTION
REMARKS
OPTIONS
Processor/CPU:
Intel® Core™2 Duo / Core™Duo / Core™Solo
L2-Cache:
2MB / 4MB
CPU dependent
Front Side Bus:
533/667 MHz
CPU dependent
U2500 - 533FSB / L2400, L7400,
T7400 - 667FSB
CPU-Clock:
1.07GHz - 2.16GHz
Memory 200pin DDR2 SODIMM: 512MB - 2048MB
Video Controller:
945GM integrated Gen 3.5 engine
Intel® Graphics Media Accelerator 950
(Intel® GMA 950)
Video Memory:
8MB UMA / 224MB DVMT
Video Interfaces:
VGA-Analog, CRT, LVDS
Video Channel 1:
2048 x 1536
Video Channel 2:
1600 x 1200
Real Time Clock:
Yes
External Battery Required for RTC
LAN-Controller:
INTEL – ICH7M – ext. PHY 82562GZ
Intel 573E for 10/100/1000
AC97-Controller:
INTEL – ICH7M – AC97 V2.3
ALC655 Codec 5.1 Sound
0°C to +70°C only
SMBus-Controller:
INTEL – ICH7M – SMBus
USB2-Controller:
6 Ports V2.0
Flash BIOS:
512KB
BIOS:
Award
Power Management Control:
ACPI / APM
EIDE-Controller:
PIO 1-4, UDMA 100*/66*/33 as well as SATA1/2 Primary Master/Slave
*requires 80 conductor cable
HW-Monitor:
Winbond W83627HF
Audio Output:
Stereo Output and SPDif
5.1 Support
Audio Input:
Stereo-Line, Mic and SPDif
Keyboard:
PS/2-USB
Mouse:
PS/2-USB
COM1:
RS232
COM2:
RS232
LPT1:
Uni/ECP/EPP
Shared with FDC
Floppy Disk:
Available
Shared LPT port
PCI-Bus:
V2.2
Support For 4 Masters
Spec: PC/104 Plus V2.0
Power Supply:
5volt +/-5%
ADL PS104CF possible
HPS3512 or HPSC104-SER
Power consumption:
2.5 Amps - 11 Amps max @ +5V
CPU dependent
Operating Temperature:
(typ. ambient)
-25°C to +70°C
-40°C to +85°C available upon request
Provided CPU is kept below 100°C at all
times with sufficient thermal path to
dissipate
Dimensions:
4.5” x 3.8” (115mm x 96mm)
Weight: (gr)
93 g



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com