Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADLD25PC Datasheet(PDF) 2 Page - ADL Embedded Solutions

Part # ADLD25PC
Description  D525 Dual Core, 1.80GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLD25PC Datasheet(HTML) 2 Page - ADL Embedded Solutions

  ADLD25PC Datasheet HTML 1Page - ADL Embedded Solutions ADLD25PC Datasheet HTML 2Page - ADL Embedded Solutions ADLD25PC Datasheet HTML 3Page - ADL Embedded Solutions ADLD25PC Datasheet HTML 4Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ADLD25PC PCI/104 Express
Intel® Atom™ D525 Dual Core, 1.80GHz
ADL Corporate: 4411 Morena Blvd. Suite 101 | San Diego, CA 92117-4345
T: 858.490.0597
F: 858.490.0599
sales@adl-usa.com
www.adl-usa.com
ADL Germany: Eiserfelder Straße 316 | D-57080 Siegen, Germany
T: +49 (0) 271.250.810.0
F: +49 (0) 271.250.810.20
sales@adl-europe.com
www.adl-europe.com
TECHNICAL SPECIFICATIONS - ADLD25PC
FEATURE
FUNCTION
REMARKS
OPTIONS
CPU
CPU Classes
Intel Atom D525
D525 - Dual Core
CPU Option / Performance (GHz) / Intel
Smart Cache
Atom D525 / 1.8GHz / 1MB
D425 option available.
Please discuss your requirements with
your sales engineer.
Max No. of Cores
2
Both processor options support
Hyperthreading
Soldered (or Socket Name)
Soldered
FSB
N/A
FSB only applicable with separate GMCH
Chipset
North Bridge (GMCH)
Dx25
GMCH functions incorporated into Dx25
South Bridge (ICH)
Intel ICH9M-E
Super IO1
SMSC SCH3114
Hardware Monitoring
Super IO
Memory
Type
SODIMM204-1,5V / DDR3
Size max (MB)
4096MB
Speed max
DDR3 800 MHz
Graphic
Controller
CPU integrated
Video BIOS
Intel Extreme BIOS
Memory
Max 8MB UMA / Max 256MB DVMT
CRT
Yes
CRT resolution
2048x1536
DVI/HDMI/DisplayPort
N/A
LCD LVDS 18/24/36/48
18 Bit supported
LCD resolution
1600 x 1200 DVI, HDMI
BIOS
Manufacturer
Solomon Award
BIOS Chip
SPI-Flash
Power Management APM/ACPI
APM/ACPI
Speedstep/AMT
Speedstep supported
Powerstates S0/S1/S3/S4/S5
S0/S1/S4/S5
Audio
Controller and Codec
Dx25 / Realtek ALC889 (HDA)
Support for 2/6/8 channel
(2.0/5.1/7.1)
2/6/8 channel
Analog In Line/CD/AUX/Mic1/Mic2/
PCBeep
Line-In/Mic1/Mic2/PCBeep
Analog Out Line/MonoOut
Analog Line-Out
Digital In/Out
S/PDIF In/Out
*Data subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com