Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADLGS45PC Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # ADLGS45PC
Description  PCI/104-Express
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLGS45PC Datasheet(HTML) 1 Page - ADL Embedded Solutions

  ADLGS45PC_16 Datasheet HTML 1Page - ADL Embedded Solutions ADLGS45PC_16 Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ADL Embedded Solutions GmbH, Eiserfelder Straße 316 D-57080 Siegen,
ADL Embedded Solutions Inc., 4411 Morena Blvd., Suite 101
Germany P. +49 (0) 271 250 810 0 F. +49 (0) 271 250 810 20
San Diego, CA 92117-4345 P. +1 858 490-0597 F. +1 858 490-0599
e-mail: sales@adl-europe.com; web: www.adl-europe.com
e-mail: sales@adl-usa.com; web: www.adl-usa.com
PCI/104-Express
Data subject to change without notice
ADLGS45PC - Intel® CoreTM 2 Duo / Celeron® M 1.20GHz - 2.26GHz
Features
Intel® Celeron® M / CoreTM 2 Duo (SFF)
Intel® GS45 / ICH9M-E Chipset
Up to 4GB DDR3-1066MHz DRAM
2x 10/100/1000Mbit LAN Controllers
CRT / LVDS Interface Onboard
4x SATA 3Gb/s with RAID Support
8x USB2.0 Ports
COM1, COM2, LPT1
SM Bus Interface
RTC and Watchdog Timer
8 Channel High Definition Audio
Windows 7, Windows 8, Windows 10, Linux Compatible
Hardware Monitoring
PCI/104-Express v1.0
Description
The ADLGS45PC is based on the Intel® CoreTM 2 Duo / Celeron® M
Small Form Factor (SFF) processors and the Intel® GS45 Express
(CantigaTM) chipset. Built on the 45nm process, the ADLGS45PC sets a
superior performance standard in an embedded PCI/104-Express form
factor. The Intel® CoreTM 2 Duo SFF and Celeron® M SFF processors
guarantee the benefits of genuine Intel® architecture to small form factor
and thermally constrained markets. The Intel® GS45 Express GMCH
coupled with the Intel® ICH9M-E I/O controller hub offers an impressive
list of high performance features that makes full-size board makers
nervous.
The ADLGS45PC takes advantage of these features by delivering high
performance and low thermals in a compact form factor. The Intel®
graphics controller drives a CRT to 2048x1536 and/or 18/24/36/48 bit
LVDS LCD to 1600x1200 resolution.
Memory is added via an
SODIMM204 socket that will accept up to 4GB of DDR3-1066 DRAM.
In addition to ACPI/APM functions, the ADLGS45PC has the following
features: 8x USB 2.0, 2x RS232/422/485 COM ports, PS/2 Keyboard
and Mouse, LPT, HD Audio, and 2x 10/100/1000Mbit LAN. The
ADLGS45PC also comes equipped with 4 SATA 3Gb/s ports with RAID
0/1/5/10 support.
NEW! ADLSST System Sensor Technology Utility
The ADLSST System Sensor Technology v2.0 utility brings to the Linux
environment the same type of CPU health monitor functions that have
previously been readily available only in the Windows environment.
Click here to download the drivers.
ADL Embedded Solutions offers highly effective active and passive
thermal solutions designed for this product. Contact your sales repre-
sentative for more information.
Ordering Information
Item Codes
Part#
Description
ADLGS45PC-722
292422 PCI/104-Exp, Cel. M 1.20GHz ULV 1MB Cache
ADLGS45PC-SU9300
292439 PCI/104-Exp, SU9300 1.20GHz, 3MB Cache C2D
ADLGS45PC-SL9400
292449 PCI/104-Exp, SL9400 1.86GHz 6MB Cache C2D
ADLGS45PC-SP9300
292493 PCI/104-Exp, SP9300 2.26GHz 6MB Cache C2D
Cooling Options
ADLGS45PC-SPREADER
292406 .6” Heat Spreader
ADLGS45-1"
292410 1" Heat Spreader
ADLGS45PC-FANSINK
272413 Active Heat Sink Set ADLGS45PC
Memory
DDR3-DRAM2048-1333
997506 DDR3-1333MHz 2GB Standard Temperature
DDR3-DRAM4096-1333
997507 DDR3-1333MHz 4GB Standard Temperature
DDR3-DRAM2048-1333-EX 997516 DDR3-1333MHz 2GB Extended Temperature
DDR3-DRAM4096-1333-EX 997517 DDR3-1333MHz 4GB Extended Temperature
*Other speeds available - contact Sales
Optional Cables
ADLGS45PC-CK
293035 Standard Cable Kit fro ADLGS45PC
*More options may be available, please contact our Sales office.


Similar Part No. - ADLGS45PC_16

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ADLGS45PC-722 ADL-ADLGS45PC-722 Datasheet
222Kb / 2P
Intel Core 2 Duo / Celeron M 1.20GHz - 2.26GHz
ADLGS45PC-SL9400 ADL-ADLGS45PC-SL9400 Datasheet
222Kb / 2P
Intel Core 2 Duo / Celeron M 1.20GHz - 2.26GHz
ADLGS45PC-SP9300 ADL-ADLGS45PC-SP9300 Datasheet
222Kb / 2P
Intel Core 2 Duo / Celeron M 1.20GHz - 2.26GHz
ADLGS45PC-SU9300 ADL-ADLGS45PC-SU9300 Datasheet
222Kb / 2P
Intel Core 2 Duo / Celeron M 1.20GHz - 2.26GHz
More results

Similar Description - ADLGS45PC_16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PEX8111 ETC1-PEX8111 Datasheet
231Kb / 2P
PCI Express to PCI Bridge
logo
Adam Technologies, Inc.
PCIE981 ADAM-TECH-PCIE981 Datasheet
162Kb / 1P
PCI & MINI PCI EXPRESS
logo
Molex Electronics Ltd.
87715-3002 MOLEX-87715-3002 Datasheet
557Kb / 2P
PCI Express
logo
ADL Embedded Solutions
MSM200X ADL-MSM200X Datasheet
250Kb / 2P
PCI/104-Express
MSMSA104EX ADL-MSMSA104EX Datasheet
201Kb / 1P
PCI/104-Express SATA 300 Adapter Board
logo
PLX Technology
PEX8111 PLX-PEX8111 Datasheet
122Kb / 2P
PCI Express to PCI Bridge
logo
Advantech Co., Ltd.
PCM-200 ADVANTECH-PCM-200_12 Datasheet
805Kb / 1P
PCI-104 to PCI Bus Module
logo
AAEON Technology
PCM-3708 AAEON-PCM-3708 Datasheet
475Kb / 1P
PCI-104 Interface
PFM-T096P AAEON-PFM-T096P Datasheet
221Kb / 2P
pci-104 interface
logo
Adlink Technology Inc.
CMX-SLX ADLINK-CMX-SLX Datasheet
644Kb / 4P
PCI/104-Express Type 1 Single Board Computer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com