Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26503 Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS26503
Description  T1/E1/J1 BITS Element
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26503 Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS26503 Datasheet HTML 17Page - Dallas Semiconductor DS26503 Datasheet HTML 18Page - Dallas Semiconductor DS26503 Datasheet HTML 19Page - Dallas Semiconductor DS26503 Datasheet HTML 20Page - Dallas Semiconductor DS26503 Datasheet HTML 21Page - Dallas Semiconductor DS26503 Datasheet HTML 22Page - Dallas Semiconductor DS26503 Datasheet HTML 23Page - Dallas Semiconductor DS26503 Datasheet HTML 24Page - Dallas Semiconductor DS26503 Datasheet HTML 25Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 123 page
background image
DS26503 T1/E1/J1 BITS Element
21 of 123
4.5 JTAG
NAME
TYPE
FUNCTION
JTCLK
I
JTAG Clock. This clock input is typically a low frequency (less than 10MHz)
50% duty cycle clock signal.
JTMS
I
JTAG Mode Select (with Pullup). This input signal is used to control the
JTAG controller state machine and is sampled on the rising edge of JTCLK.
JTDI
I
JTAG Data Input (with Pullup). This input signal is used to input data into
the register that is enabled by the JTAG controller state machine and is sampled
on the rising edge of JTCLK.
JTDO
O
JTAG Data Output. This output signal is the output of an internal scan shift
register enabled by the JTAG controller state machine and is updated on the
falling edge of JTCLK. The pin is in the high-impedance mode when a register
is not selected or when the
JTRST signal is high. The pin goes into and exits the
high impedance mode after the falling edge of JTCLK
JTRST
I
JTAG Reset (Active Low). This input forces the JTAG controller logic into
the reset state and forces the JTDO pin into high impedance when low. This pin
should be low while power is applied and set high after the power is stable.
The pin can be driven high or low for normal operation, but must be high for
JTAG operation.
4.6 Line Interface
NAME
TYPE
FUNCTION
MCLK
I
Master Clock Input. A (50ppm) clock source. This clock is used internally for
both clock/data recovery and for the jitter attenuator for both T1 and E1 modes.
The clock rate can be 16.384MHz, 8.192MHz, 4.096MHz, or 2.048MHz. When
using the DS26503 in T1-only operation, a 1.544MHz (50ppm) clock source
can be used.
RTIP
I
Receive Tip. Analog input for clock recovery circuitry. This pin connects via a
1:1 transformer to the network. See the Line Interface Unit section for details.
RRING
I
Receive Ring. Analog input for clock recovery circuitry. This pin connects via
a 1:1 transformer to the network. See the Line Interface Unit section for details.
TTIP
O
Transmit Tip. Analog line-driver output. This pin connects via a 1:2 step-up
transformer to the network. See the Line Interface Unit section for details.
TRING
O
Transmit Ring. Analog line-driver output. This pin connects via a 1:2 step-up
transformer to the network. See the Line Interface Unit section for details.
THZE
I
Transmit High-Impedance Enable. When high, TTIP and TRING will be
placed into a high-impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com