Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM54LS191 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM54LS191
Description  Synchronous 4-Bit Up/Down Counters with Mode Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54LS191 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DM54LS191 Datasheet HTML 1Page - National Semiconductor (TI) DM54LS191 Datasheet HTML 2Page - National Semiconductor (TI) DM54LS191 Datasheet HTML 3Page - National Semiconductor (TI) DM54LS191 Datasheet HTML 4Page - National Semiconductor (TI) DM54LS191 Datasheet HTML 5Page - National Semiconductor (TI) DM54LS191 Datasheet HTML 6Page - National Semiconductor (TI) DM54LS191 Datasheet HTML 7Page - National Semiconductor (TI) DM54LS191 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
’LS190 and ’LS191 Switching Characteristics
at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
From (Input)
RL e 2kX
Symbol
Parameter
To (Output)
CL e 15 pF
CL e 50 pF
Units
Min
Max
Min
Max
fMAX
Maximum Clock
20
20
MHz
Frequency
tPLH
Propagation Delay Time
Load to
33
43
ns
Low to High Level Output
Any Q
tPHL
Propagation Delay Time
Load to
50
59
ns
High to Low Level Output
Any Q
tPLH
Propagation Delay Time
Data to
22
26
ns
Low to High Level Output
Any Q
tPHL
Propagation Delay Time
Data to
50
62
ns
High to Low Level Output
Any Q
tPLH
Propagation Delay Time
Clock to
20
24
ns
Low to High Level Output
Ripple Clock
tPHL
Propagation Delay Time
Clock to
24
33
ns
High to Low Level Output
Ripple Clock
tPLH
Propagation Delay Time
Clock to
24
29
ns
Low to High Level Output
Any Q
tPHL
Propagation Delay Time
Clock to
36
45
ns
High to Low Level Output
Any Q
tPLH
Propagation Delay Time
Clock to
42
47
ns
Low to High Level Output
MaxMin
tPHL
Propagation Delay Time
Clock to
52
65
ns
High to Low Level Output
MaxMin
tPLH
Propagation Delay Time
UpDown to
45
50
ns
Low to High Level Output
Ripple Clock
tPHL
Propagation Delay Time
UpDown to
45
54
ns
High to Low Level Output
Ripple Clock
tPLH
Propagation Delay Time
DownUp to
33
36
ns
Low to High Level Output
MaxMin
tPHL
Propagation Delay Time
DownUp to
33
42
ns
High to Low Level Output
MaxMin
tPLH
Propagation Delay Time
Enable to
33
36
ns
Low to High Level Output
Ripple Clock
tPHL
Propagation Delay Time
Enable to
33
42
ns
High to Low Level Output
Ripple Clock
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com