Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN29F800 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # EN29F800
Description  8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 5.0 Volt-only
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN29F800 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button EN29F800 Datasheet HTML 9Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 10Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 11Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 12Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 13Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 14Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 15Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 16Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
13
EN29F800
Rev. E, Issue Date: 2001/07/05
WRITE OPERATION STATUS
DQ7
DATA
Polling
The EN29F800 provides DATA Polling on DQ7 to indicate to the host system the status of the
embedded operations. The DATA Polling feature is active during the Byte Programming, Sector
Erase, Chip Erase, Erase Suspend. (See Table 6)
When the Byte Programming is in progress, an attempt to read the device will produce the
complement of the data last written to DQ7. Upon the completion of the Byte Programming, an
attempt to read the device will produce the true data last written to DQ7. For the Byte Programming,
DATA polling is valid after the rising edge of the fourth WE or CE pulse in the four-cycle sequence.
When the embedded Erase is in progress, an attempt to read the device will produce a “0” at the
DQ7 output. Upon the completion of the embedded Erase, the device will produce the “1” at the DQ7
output during the read. For Chip Erase, the DATA polling is valid after the rising edge of the sixth
WE or CE pulse in the six-cycle sequence. For Sector Erase, DATA polling is valid after the last
rising edge of the sector erase WE or CE pulse.
DATA Polling must be performed at any address within a sector that is being programmed or erased
and not a protected sector. Otherwise, DATA polling may give an inaccurate result if the address
used is in a protected sector.
Just prior to the completion of the embedded operations, DQ7 may change asynchronously when the
output enable ( OE ) is low. This means that the device is driving status information on DQ7 at one
instant of time and valid data at the next instant of time. Depending on when the system samples the
DQ7 output, it may read the status of valid data. Even if the device has completed the embedded
operations and DQ7 has a valid data, the data output on DQ0-DQ6 may be still invalid. The valid
data on DQ0-DQ7 will be read on the subsequent read attempts.
The flowchart for DATA Polling (DQ7) is shown on Flowchart 5. The DATA Polling (DQ7) timing
diagram is shown in Figure 8.
RY/BY: Ready/Busy
The RY/BY is a dedicated, open-drain output pin that indicates whether an Embedded Algorithm is in
progress or complete. The RY/BY status is valid after the rising edge of the final WE pulse in the
command sequence. Since RY/BY is an open-drain output, several RY/BY pins can be tied together
in parallel with a pull-up resistor to Vcc.
In the output is low, signifying Busy, the device is actively erasing or programming. This includes
programming in the Erase Suspend mode. If the output is high, signifying the Ready, the device is
ready to read array data (including during the Erase Suspend mode), or is in the standby mode.
DQ6 Toggle Bit I
The EN29F800 provides a “Toggle Bit” on DQ6 to indicate to the host system the status of the
embedded programming and erase operations. (See Table 6)
During an embedded Program or Erase operation, successive attempts to read data from the device
at any address (by toggling OE or CE ) will result in DQ6 toggling between “zero” and “one”. Once
the embedded Program or Erase operation is complete, DQ6 will stop toggling and valid data will be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com