Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBTTSD Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LBTTSD
Description  white PLCC-2 package, colorless clear resin
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBTTSD Datasheet(HTML) 5 Page - OSRAM GmbH

  LBTTSD Datasheet HTML 1Page - OSRAM GmbH LBTTSD Datasheet HTML 2Page - OSRAM GmbH LBTTSD Datasheet HTML 3Page - OSRAM GmbH LBTTSD Datasheet HTML 4Page - OSRAM GmbH LBTTSD Datasheet HTML 5Page - OSRAM GmbH LBTTSD Datasheet HTML 6Page - OSRAM GmbH LBTTSD Datasheet HTML 7Page - OSRAM GmbH LBTTSD Datasheet HTML 8Page - OSRAM GmbH LBTTSD Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Version 2.2
LB TTSD
2015-04-30
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 4) page 21
Durchlassspannungsgruppen 4) Seite 21
Dominant Wavelength Groups 3) page 21
Dominant Wellenlängengruppen 3) Seite 21
Group
Luminous Intensity 1) page 21
Luminous Intensity 1) page 21
Luminous Flux 7) page 21
Gruppe
Lichtstärke 1) Seite 21
Lichtstärke 1) Seite 21
Lichtstrom 7) Seite 21
(min.) I
v [mcd]
(max.) I
v [mcd]
(typ.) Φ
V [mlm]
R1
112
140
370
R2
140
180
460
S1
180
224
590
S2
224
280
730
T1
280
355
920
T2
355
450
1170
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
3
2.60
2.90
4
2.90
3.20
5
3.20
3.50
6
3.50
3.80
Note:
Anm:
Group
blue
Gruppe
(min.) λ
dom
[nm]
(max.) λ
dom
[nm]
2
460
464
3
464
468
4
468
472
5
472
476
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com