Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2224 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2224
Description  High-Efficiency, 4A, 18V, 500kHz Synchronous Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2224 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2224 Datasheet HTML 8Page - Monolithic Power Systems MP2224 Datasheet HTML 9Page - Monolithic Power Systems MP2224 Datasheet HTML 10Page - Monolithic Power Systems MP2224 Datasheet HTML 11Page - Monolithic Power Systems MP2224 Datasheet HTML 12Page - Monolithic Power Systems MP2224 Datasheet HTML 13Page - Monolithic Power Systems MP2224 Datasheet HTML 14Page - Monolithic Power Systems MP2224 Datasheet HTML 15Page - Monolithic Power Systems MP2224 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
MP2224
–18V/4A SYNCHRONOUS STEP-DOWN CONVERTER
MP2224 Rev. 1.0
www.MonolithicPower.com
12
12/18/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
To use external clock synchronization, connect
a clock with a frequency range between 200kHz
and 2MHz. The internal clock rising edge will
synchronize with the external clock rising edge.
Meanwhile the width of the high level should be
longer than 250ns, and the width of low level
should be longer than 100ns.
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) protects the chip
from operating at an insufficient supply voltage.
The MP2224 UVLO comparator monitors the
output voltage of the internal regulator (VCC).
The UVLO rising threshold is about 4.1V while
its falling threshold is 3.4V.
Soft Start
The soft start prevents the converter output
voltage
from
overshooting
during
start-up.
When the chip starts up, the internal circuitry
generates a soft-start voltage (SS) that ramps
up from 0V to VCC. When SS is lower than
REF, the error amplifier uses SS as the
reference. When SS is higher than REF, the
error amplifier uses REF as the reference.
The SS time is set to 2.4ms internally.
Over-Current Protection and Hiccup
The MP2224 has a cycle-by-cycle over-current
limit, which limits the inductor current in case of
an output over load or short circuit (SC). If the
over load or SC events last long, the FB voltage
can
drop
below
the
under-voltage
(UV)
threshold
—typically 30% of the reference. Once
UV is triggered, the MP2224 enters hiccup
mode to restart the part periodically. This
protection mode is especially useful when the
output is dead shorted to ground. The average
short-circuit
current
is
greatly
reduced
to
alleviate
thermal
issues
and
protect
the
regulator. The MP2224 exits hiccup mode once
the over-current condition is removed.
Thermal Shutdown
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.
When the temperature of the silicon reaches
150
oC, the whole chip shuts down. When the
temperature drops below its lower threshold,
(typically 130°C), the chip is enabled again.
Floating Driver and Bootstrap Charging
An external bootstrap capacitor powers the
floating power MOSFET driver. This floating
driver has its own UVLO protection. This
UVLO’s rising threshold is 2.6V with a
hysteresis of 350mV. The bootstrap capacitor
voltage is regulated internally by VIN through
D1, M1, C4, L1, and C2 (see Figure 4). If (VBST-
VSW) exceeds 5V, U1 will regulate M1 to
maintain a 5V BST voltage across C4.
Figure 4: Internal Bootstrap Charging Circuit
Start-Up and Shutdown
If both VIN and EN exceed their respective
thresholds, the chip starts up. The reference
block starts up first, generating stable reference
voltage, and then the internal regulator is
enabled. The regulator provides a stable supply
for the remaining circuitries.
Three events can shut down the chip: EN low,
VIN low, and thermal shutdown. During the
shutdown procedure, the signaling path is
blocked first to avoid any fault triggering. The
COMP voltage and the internal supply rail are
then pulled down. The floating driver is not
subject to this shutdown command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com