Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR24C64 Datasheet(PDF) 13 Page - Leshan Radio Company

Part # LR24C64
Description  Bidirectional Data Transfer Protocol 1 MHz (2.5V), 400 kHz (1.7V) , 100 kHz (1.7V) Compatibility
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR24C64 Datasheet(HTML) 13 Page - Leshan Radio Company

Back Button LR24C64 Datasheet HTML 7Page - Leshan Radio Company LR24C64 Datasheet HTML 8Page - Leshan Radio Company LR24C64 Datasheet HTML 9Page - Leshan Radio Company LR24C64 Datasheet HTML 10Page - Leshan Radio Company LR24C64 Datasheet HTML 11Page - Leshan Radio Company LR24C64 Datasheet HTML 12Page - Leshan Radio Company LR24C64 Datasheet HTML 13Page - Leshan Radio Company LR24C64 Datasheet HTML 14Page - Leshan Radio Company LR24C64 Datasheet HTML 15Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Package 8-Pin TSSOP 173-mil
θ
L1
L
D
b
e
S
A
A1
A2
C
Dimensions
LESHAN RADIO COMPANY, LTD.
13/15
V2.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com