Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR072 Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LR072
Description  LOW NOISE J-FET DUAL OPERATIONAL AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR072 Datasheet(HTML) 5 Page - Leshan Radio Company

  LR072 Datasheet HTML 1Page - Leshan Radio Company LR072 Datasheet HTML 2Page - Leshan Radio Company LR072 Datasheet HTML 3Page - Leshan Radio Company LR072 Datasheet HTML 4Page - Leshan Radio Company LR072 Datasheet HTML 5Page - Leshan Radio Company LR072 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TYPICAL APPLICATIONS
100KHZ QUADRUPLE OSCILLATOR
88.4K Ω
18pF
18pF
88.4K Ω
88.4K Ω
-
+
1/2
LR072
-
+
1/2
LR072
1N 4148
1K Ω
1N 4148
18pF
18 K Ω
1 K Ω
-15V
18K Ω
+15V
LESHAN RADIO COMPANY, LTD.
5/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com