Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR072D Datasheet(PDF) 6 Page - Leshan Radio Company

Part # LR072D
Description  LOW NOISE J-FET DUAL OPERATIONAL AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR072D Datasheet(HTML) 6 Page - Leshan Radio Company

  LR072D Datasheet HTML 1Page - Leshan Radio Company LR072D Datasheet HTML 2Page - Leshan Radio Company LR072D Datasheet HTML 3Page - Leshan Radio Company LR072D Datasheet HTML 4Page - Leshan Radio Company LR072D Datasheet HTML 5Page - Leshan Radio Company LR072D Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PACKAGE DIMENSIONS
DIP-8-300-2.54
UNIT: mm
e
A
A1
A3
A2
E
θ1
Symbol
Min
Nom
Max
A
A1
A2
A3
D
E
E1
e
C1
1.52
-
1.82
0.89
0.59
0.38
0.5
6.10
9.10
7.62
0.46
-
6.35
9.40
-
8.25
9.80
6.6
-
0.54
1.24
2.54BSC
3.0
15°
C
-
-
-
-
-
4.36
θ1
L
0.25
0.3
0.2
-
SOP-8-225-1.27
UNIT: mm
4.9±0.1
1.27
0.42
LESHAN RADIO COMPANY, LTD.
6/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com