Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR4580 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR4580
Description  LINEAR INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR4580 Datasheet(HTML) 1 Page - Leshan Radio Company

  LR4580 Datasheet HTML 1Page - Leshan Radio Company LR4580 Datasheet HTML 2Page - Leshan Radio Company LR4580 Datasheet HTML 3Page - Leshan Radio Company LR4580 Datasheet HTML 4Page - Leshan Radio Company LR4580 Datasheet HTML 5Page - Leshan Radio Company LR4580 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4580/E/M/V
LINEAR INTEGRATED CIRCUIT
SOP-8-300-1.27
DIP-8-300-2.54
SOP-8-225-1.27 TSSOP-8-225-0.65
DUAL OPERATIONAL AMPLIFIER
DESCRIPTION
4580/E/M/V is the dual operational amplifier,specially
designed for improving the tone control.,which is most suitable for the
audio application.
Featuring noiseless, higher gain bandwidth, high output current
and low distortion ratio, and it is most suitable not only for acoustic
electronic parts of audio per-amp and active filter, but also for the
industrial measurement tools. It is also suitable for the head phone
amp at higher output current, and further more, it can be applied for
the handy type set operational amplifier of genenal purpose in
application of low voltage single supply type which is properly
biased of the input low voltage source.
FEATURES
* Operating voltage
(
2~18V)
* Low input noise voltage
(0.8
Vrms typ.)
* Wide gain bandwidth produce
(15Mhz typ.)
* Low distortion
(0.0005% typ.)
* Slew rate
(5V/
s typ.)
* Package outline
SOP8, SIP-8, DIP-8,TSSOP-8
ORDERING INFORMATION
Device
package
4580
DIP-8-300-2.54
4580E
SOP-8-225-1.27
4580M
SOP-8-300-1.27
4580V
TSSOP-8-225-0.65
AP PLICATIONS
* Audio per-amp;
* Head phone amp;
* Handy type set;
* Measurement tool;
BLOCK DIAGRAM
LESHAN RADIO COMPANY, LTD.
1/
Ver1.3


Similar Part No. - LR4580

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LR4527 ETC-LR4527 Datasheet
1Mb / 3P
METAL ALLOY LOW-VALUE RESISTORS
LR4558 ETC1-LR4558 Datasheet
134Kb / 7P
The LR4558 consists of two high performance operational amplifiers
logo
Leshan Radio Company
LR4558 LRC-LR4558 Datasheet
255Kb / 7P
Internal Frequency Compensation High Input Resistance with 5MTypical
LR4558 LRC-LR4558_12 Datasheet
255Kb / 7P
Internal Frequency Compensation High Input Resistance with 5MTypical
LR4558 LRC-LR4558_15 Datasheet
255Kb / 7P
Internal Frequency Compensation
More results

Similar Description - LR4580

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
M4565 UTC-M4565 Datasheet
127Kb / 4P
LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTC78D UTC-UTC78D Datasheet
104Kb / 7P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C_07 Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Wing Shing Computer Com...
AN6650 WINGS-AN6650 Datasheet
56Kb / 3P
Linear Integrated Circuit
logo
Leshan Radio Company
LR431ATLTIG LRC-LR431ATLTIG Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431APTLT1G LRC-LTL431APTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431BPTLT1G LRC-LTL431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com