Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR4890 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LR4890
Description  1.25W Fully Differential Audio Power Amplifier with Internal Feedback Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR4890 Datasheet(HTML) 2 Page - Leshan Radio Company

  LR4890 Datasheet HTML 1Page - Leshan Radio Company LR4890 Datasheet HTML 2Page - Leshan Radio Company LR4890 Datasheet HTML 3Page - Leshan Radio Company LR4890 Datasheet HTML 4Page - Leshan Radio Company LR4890 Datasheet HTML 5Page - Leshan Radio Company LR4890 Datasheet HTML 6Page - Leshan Radio Company LR4890 Datasheet HTML 7Page - Leshan Radio Company LR4890 Datasheet HTML 8Page - Leshan Radio Company LR4890 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PIN CONFIGURATION
MSOP8
SOP8
DIP8
SYMBOL
TYPE
FUNCTION
1
1
1
SHUTDOWN
I
Shut-down Logical Control , “0” is active
2
2
2
BYPASS
I
Common-mode voltage,connect a
Bypass capacitor to ground
3
3
3
IN+
I
Positive input.
4
4
4
IN-
I
Negative input.
5
5
5
VO1
O
Positive output.
6
6
6
VDD
I
Power Supply.
7
7
7
VSS
I
Ground.
8
8
8
VO2
O
Negative output.
TYPICAL APPLICATION
Fig1. Differential Input Application
LR4890
LESHAN RADIO COMPANY, LTD.
2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com