Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR4580M Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LR4580M
Description  LINEAR INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR4580M Datasheet(HTML) 2 Page - Leshan Radio Company

  LR4580M Datasheet HTML 1Page - Leshan Radio Company LR4580M Datasheet HTML 2Page - Leshan Radio Company LR4580M Datasheet HTML 3Page - Leshan Radio Company LR4580M Datasheet HTML 4Page - Leshan Radio Company LR4580M Datasheet HTML 5Page - Leshan Radio Company LR4580M Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATINGS (Tamb=25C)
Characteristic
Symbol
Value
Unit
Supply Voltage
V+/V-
18
V
Input Voltage
VIC
15
V
Differential Input Voltage
VID
30
V
Output Current
IO
50
mA
DIP-8
800
SOP-8-300
350
SOP-8-225
300
Power Dissipation
PD
TSSOP-8
250
mW
Operating Temperature Range
Topr
-20~+75
C
Storage Temperature Range
Tstg
-40~+125
C
ELECTRICAL CHARACTERISTICS(Tamb=25C ,V+/V- =15)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Input Offset Voltage
VIO
Rs
10k
-0.5
3
mV
Input Offset Current
IIO
-
5
200
nA
Input Bias Current
IIS
-
100
500
nA
Large Signal Voltage Gain
AV
RL
2K,VO=10V
90
110
-
dB
Output Voltage Swing
VOM
RL
2K12
13.5
-
V
Input Common Mode Voltage Range
VICM
12
13.5
-
V
Common Mode Rejection Ratio
CMR
Rs
10k
80
110
-
dB
Supply Voltage Rejection Ratio
SVR
Rs
10k
90
110
-
dB
Operating Current
ICC
-6
9
mA
Slew Rate
SR
RL
2K
-5
-
V/
s
Gain Bandwidth Product
GB
f=10kHz
-
15
-
MHz
Total Harmonic Distortion
THD
AV=20dB, VO=5V,
RL=2k
,f=1kHz
-
0.0005
-%
Input Noise Voltage
VNI
RIAA Rs=2.2k
,30kHzLPF
-
0.8
-
Vrms
LESHAN RADIO COMPANY, LTD.
/
TYPICAL CHARACTERISTICS CURVES



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com