Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR6302 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LR6302
Description  18V Low Current Consumption 300mA CMOS Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR6302 Datasheet(HTML) 2 Page - Leshan Radio Company

  LR6302 Datasheet HTML 1Page - Leshan Radio Company LR6302 Datasheet HTML 2Page - Leshan Radio Company LR6302 Datasheet HTML 3Page - Leshan Radio Company LR6302 Datasheet HTML 4Page - Leshan Radio Company LR6302 Datasheet HTML 5Page - Leshan Radio Company LR6302 Datasheet HTML 6Page - Leshan Radio Company LR6302 Datasheet HTML 7Page - Leshan Radio Company LR6302 Datasheet HTML 8Page - Leshan Radio Company LR6302 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PIN CONFIGURATION
SOT-23-3
SOT-23-5
SOT-89-3
SOT-89-5
LR6302A/LR6302D
PIN NUMBER
PIN
NAME
FUNCTION
SOT-23-3
SOT-89-3
M
MC
MY
P
PT
PL
1
3
3
1
2
2
VSS
Ground
2
2
1
3
1
3
VOUT
Output
3
1
2
2
3
1
VIN
Power input
SOT-23-5
LR6302B
SOT-23-5
SOT-89-5
PIN NUMBER
PIN NAME
FUNCTION
MF
MR
12
VIN
Power Input
21
VSS
Ground
3/4
4/5
NC
No Connection
53
VOUT
Output
PIN NUMBER
SYMBOL
FUNCTION
M
1VIN
Power Input Pin
2VSS
Ground
3
CE
Chip Enable Pin
4
NC
No Connection
5VOUT
Output Pin
PIN NUMBER
SYMBOL
FUNCTION
P
1VOUT
Output Pin
2VSS
Ground
3
NC
No Connection
4
CE
Chip Enable Pin
5VIN
Power Input Pin
LESHAN RADIO COMPANY, LTD.
2/1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com