Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR8406AE Datasheet(PDF) 21 Page - Leshan Radio Company

Part # LR8406AE
Description  1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8406AE Datasheet(HTML) 21 Page - Leshan Radio Company

Back Button LR8406AE Datasheet HTML 14Page - Leshan Radio Company LR8406AE Datasheet HTML 15Page - Leshan Radio Company LR8406AE Datasheet HTML 16Page - Leshan Radio Company LR8406AE Datasheet HTML 17Page - Leshan Radio Company LR8406AE Datasheet HTML 18Page - Leshan Radio Company LR8406AE Datasheet HTML 19Page - Leshan Radio Company LR8406AE Datasheet HTML 20Page - Leshan Radio Company LR8406AE Datasheet HTML 21Page - Leshan Radio Company LR8406AE Datasheet HTML 22Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
List of Components:
U1 =
8406AE
L1 = 4.7 H Wurth Elektronik 744031004
CIN = 2 x 4.7 F, 0603, X7R/X5R Ceramic
COUT = 2 x 4.7 F, 0603, X7R/X5R Ceramic
Figure 22. Power Supply Solution With Auxiliary Negative Output Voltage
LESHAN RADIO COMPANY, LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com