Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2234 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2234
Description  High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2234 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2234 Datasheet HTML 9Page - Monolithic Power Systems MP2234 Datasheet HTML 10Page - Monolithic Power Systems MP2234 Datasheet HTML 11Page - Monolithic Power Systems MP2234 Datasheet HTML 12Page - Monolithic Power Systems MP2234 Datasheet HTML 13Page - Monolithic Power Systems MP2234 Datasheet HTML 14Page - Monolithic Power Systems MP2234 Datasheet HTML 15Page - Monolithic Power Systems MP2234 Datasheet HTML 16Page - Monolithic Power Systems MP2234 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
MP2234
– SYNCHRONOUS STEP-DOWN CONVERTER
MP2234 Rev. 1.0
www.MonolithicPower.com
13
5/16/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider sets the output
voltage (see Typical Application on page 1).
Choose R1 around 40kΩ for V
OUT>1.2V then R2
is then given by:
OUT
R1
R2
V
1
0.807V
The T-Type resistor R5 is used to control the
bandwidth
of
control
loop
which
will
be
introduced below.
Control Loop Compensation
MP2234 employs peak current mode control for
easy compensation and fast transient response.
To
simplify
the
compensation
design
and
minimize
external
components,
MP2234
integrates internal compensation. Figure 6 shows
an equivalent model for the device control loop.
VOUT
VOUT
VC
FB
COUT
RESR
RL
R1
R2
RT
CF
RZ
CZ
CP
300k
Ω 50pF
1pF
Figure 6: Equivalent Control Loop Model
The device power stage can be approximated to
a voltage controlled current source (duty cycle
modulator)
supplying
current
to
the
output
capacitor and load resistor. The control (VC) to
output (VOUT) transfer function is shown as below:
OUT
Z1
DC
C
P1
s
1
V
2f
A
s
V
1
2f

L
DC
i
R
A
R
Z1
ESR
OUT
1
f
2 R
C
P1
L
OUT
1
f
2 R C
Where ADC is the DC gain of power stage, RL is
the load resistance, Ri is the current sense
resistance (Ri=0.22Ω). RESR is the equivalent
series resistance of output capacitor. COUT is the
output capacitance.
MP2234 uses voltage type amplifier for the
feedback
error
amplifier
and
integrates
compensation to ease the system design. The
output to control transfer function is given by:
C
Z2
Z3
EA
OUT
P2
P3
ss
(1
)(1
)
V
2 f
2 f
A
ss
V
s(1
)(1
)
2 f
2 f





2
EA
Z
P
1
T
1
2
2
T
R
A
(C
C )(R R
R R
R R )
Z2
ZZ
1
f
2 R C
Z3
1F
1
f
2 R C
P2
ZP
1
f
2 R C
P3
1
2
T
Z
1
f
2 (R // R // R )C
Where R1, R2 are the feedback resistors, RT is
the T-type resistor between feedback resistor
divider
and
FB
pin.
CF
is
the
type
III
compensation feed forward capacitor. RZ, CZ and
CP are internal compensation resistor and
capacitors.
The goal of compensation design is to shape the
converter transfer function to get a desired loop
gain. The system crossover frequency where the
feedback loop has the unity gain is important.
Lower crossover frequency results in slower line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com