Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4040B Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCF4040B
Description  RIPPLE-CARRY BINARY COUNTER/DIVIDERS 12 STAGE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4040B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HCF4040B Datasheet HTML 2Page - STMicroelectronics HCF4040B Datasheet HTML 3Page - STMicroelectronics HCF4040B Datasheet HTML 4Page - STMicroelectronics HCF4040B Datasheet HTML 5Page - STMicroelectronics HCF4040B Datasheet HTML 6Page - STMicroelectronics HCF4040B Datasheet HTML 7Page - STMicroelectronics HCF4040B Datasheet HTML 8Page - STMicroelectronics HCF4040B Datasheet HTML 9Page - STMicroelectronics HCF4040B Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HCF4040B
6/10
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance)
RL = 200KΩ
RT = ZOUT of pulse generator (typically 50Ω)
WAVEFORM 1 : MINIMUM PULSE WIDTH (RESET) AND REMOVAL TIME ( RESET TO
Φ) (f=1MHz;
50% duty cycle)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com