Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUWH9GP.CE Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LUWH9GP.CE
Description  SMD epoxy package with silicone lens
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWH9GP.CE Datasheet(HTML) 5 Page - OSRAM GmbH

  LUWH9GP.CE Datasheet HTML 1Page - OSRAM GmbH LUWH9GP.CE Datasheet HTML 2Page - OSRAM GmbH LUWH9GP.CE Datasheet HTML 3Page - OSRAM GmbH LUWH9GP.CE Datasheet HTML 4Page - OSRAM GmbH LUWH9GP.CE Datasheet HTML 5Page - OSRAM GmbH LUWH9GP.CE Datasheet HTML 6Page - OSRAM GmbH LUWH9GP.CE Datasheet HTML 7Page - OSRAM GmbH LUWH9GP.CE Datasheet HTML 8Page - OSRAM GmbH LUWH9GP.CE Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Version 1.4
LUW H9GP.CE
2017-04-03
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 3) page 22
Durchlassspannungsgruppen 3) Seite 22
Group
Luminous Flux 1) page 22
Luminous Flux 1) page 22
Luminous Intensity
5) page 22
Gruppe
Lichtstrom 1) Seite 22
Lichtstrom 1) Seite 22
Lichtstärke 5) Seite 22
(min.) Φ
V [lm]
(max.) Φ
V [lm]
(typ.) I
V [cd]
KY
82
97
43
KZ
97
112
50.2
LX
112
130
58.1
LY
130
150
67.2
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
8E
2.75
3.00
8F
3.00
3.25
8G
3.25
3.50
8H
3.50
3.75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com