Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUWJDSI.EC Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LUWJDSI.EC
Description  white smt package, colored diffused silicone resin
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWJDSI.EC Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LUWJDSI.EC Datasheet HTML 7Page - OSRAM GmbH LUWJDSI.EC Datasheet HTML 8Page - OSRAM GmbH LUWJDSI.EC Datasheet HTML 9Page - OSRAM GmbH LUWJDSI.EC Datasheet HTML 10Page - OSRAM GmbH LUWJDSI.EC Datasheet HTML 11Page - OSRAM GmbH LUWJDSI.EC Datasheet HTML 12Page - OSRAM GmbH LUWJDSI.EC Datasheet HTML 13Page - OSRAM GmbH LUWJDSI.EC Datasheet HTML 14Page - OSRAM GmbH LUWJDSI.EC Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LxW JDSx.PC
-40 -20 0
20406080 100 120
Tj [°C]
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
ΔV
F [V]
-40 -20
0
20 40 60 80 100
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Ι
V
Ι
V (25°C)
-40 -20 0 20 40 60 80 100
Tj [°C]
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
ΔCx; ΔCy
: Cx
: Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com