Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUWW5AM Datasheet(PDF) 14 Page - OSRAM GmbH

Part # LUWW5AM
Description  white SMT package with clear silicone lens, chip level conversion
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWW5AM Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button LUWW5AM Datasheet HTML 10Page - OSRAM GmbH LUWW5AM Datasheet HTML 11Page - OSRAM GmbH LUWW5AM Datasheet HTML 12Page - OSRAM GmbH LUWW5AM Datasheet HTML 13Page - OSRAM GmbH LUWW5AM Datasheet HTML 14Page - OSRAM GmbH LUWW5AM Datasheet HTML 15Page - OSRAM GmbH LUWW5AM Datasheet HTML 16Page - OSRAM GmbH LUWW5AM Datasheet HTML 17Page - OSRAM GmbH LUWW5AM Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
2015-12-16
14
Version 1.1
LUW W5AM
Relative Forward Voltage 4) page 27
Relative Vorwärtsspannung 4) Seite 27
ΔVF = VF - VF(25 °C) = f(Tj); IF = 350 mA
Relative Luminous Flux 4) page 27
Relativer Lichtstrom 4) Seite 27
ΦV/ΦV(25 °C) = f(Tj); IF = 350 mA
Chromaticity Coordinate Shift 4) page 27
Farbortverschiebung 4) Seite 27
Cx, Cy = f(Tj); IF = 350 mA
OHL06027
-40 -20 0 20 40 60 80 100120
Tj (°C)
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
∆VF (V)
OHL-2013-03-Phi
-40
-20
0
20
40
60
80
100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Φ
v
Φ
v(25°C)
OHL06140
-40 -20 0
20 40 60 80 100 120
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
: ∆ Cx
: ∆ Cy
∆Cx
∆Cy
T (°C)
j
∆
Cy
∆
Cx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com