Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT36A3 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT36A3
Description  8-Bit Music Synthesizer MCU
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36A3 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT36A3 Datasheet HTML 1Page - Holtek Semiconductor Inc HT36A3 Datasheet HTML 2Page - Holtek Semiconductor Inc HT36A3 Datasheet HTML 3Page - Holtek Semiconductor Inc HT36A3 Datasheet HTML 4Page - Holtek Semiconductor Inc HT36A3 Datasheet HTML 5Page - Holtek Semiconductor Inc HT36A3 Datasheet HTML 6Page - Holtek Semiconductor Inc HT36A3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT36A3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT36A3 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Pad Coordinates
Pad No.
X
Y
Pad No.
X
Y
1
-879.100
1202.400
16
693.900
1240.150
2
-879.100
1097.100
17
583.300
1240.150
3
-879.100
986.500
18
483.300
1240.150
4
-879.100
886.500
19
372.700
1240.150
5
-898.600
-805.050
20
272.700
1240.150
6
-898.600
-931.910
21
162.100
1240.150
7
-847.650
-1041.910
22
62.100
1240.150
8
-847.650
-1180.350
23
-48.500
1240.150
9
-193.090
-1200.600
24
-148.500
1240.150
10
-81.290
-1200.600
25
-259.100
1240.150
11
875.950
-1262.274
26
-359.100
1240.150
12
875.950
-1149.626
27
-469.700
1240.150
13
875.950
-471.774
28
-569.700
1240.150
14
901.500
1240.150
29
-680.300
1240.150
15
793.900
1240.150
Pad Description
Pad Name
I/O
Internal
Connection
Function
PA0~PA7
I/O
Pull-High
or None
Bidirectional 8-bit Input/Output port
PB0~PB7
I/O
Pull-High
or None
Bidirectional 8-bit Input/Output port
PC0~PC3
I/O
Pull-High
or None
Bidirectional 8-bit Input/Output port
VSS
¾¾
Negative power supply, ground
VSSA
¾¾
Negative power supply of DAC, ground
VDD
¾¾
Digital power supply
VDDA
¾¾
DAC power supply
AUD
O
¾
Audio output
TEST
¾¾
No connection (open)
RES
I
¾
Reset input, active low (no pull-high)
OSC1
OSC2
I
O
¾
OSC1 and OSC2 are connected to an RC network or a crystal (by mask op-
tion) for the internal system clock. In the case of RC operation, OSC2 is the
output terminal for 1/8 system clock. The system clock may come from the
crystal, the two pins cannot be floating.
HT36A3
Rev. 1.00
3
June 30, 2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com