Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LWTTSD Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LWTTSD
Description  white PLCC-2 package, colored diffused silicone resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWTTSD Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LWTTSD Datasheet HTML 8Page - OSRAM GmbH LWTTSD Datasheet HTML 9Page - OSRAM GmbH LWTTSD Datasheet HTML 10Page - OSRAM GmbH LWTTSD Datasheet HTML 11Page - OSRAM GmbH LWTTSD Datasheet HTML 12Page - OSRAM GmbH LWTTSD Datasheet HTML 13Page - OSRAM GmbH LWTTSD Datasheet HTML 14Page - OSRAM GmbH LWTTSD Datasheet HTML 15Page - OSRAM GmbH LWTTSD Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
2015-04-30
12
Version 2.2
LW TTSD
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (T)
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit I
F = f(tp)
D: Duty cycle, TS = 25 °C
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit I
F = f(tp)
D: Duty cycle, TS = 85 °C
0
0
˚C
T
I F
mA
OHL04278
10 20 30 40 50 60 70 80 90
110
2
4
6
8
10
12
14
16
18
20
22
24
26
28
32
TA
TS
Do not use below 1mA
10
10
0
-2
-3
-4
-5
10
10
10
F
I
A
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHL04279
T
t
P
IF
0.05
0.33
0.2
0.1
0.005
0.02
0.01
D =
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.22
0.5
1
10
10
0
-2
-3
-4
-5
10
10
10
F
I
A
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHL04279
T
t
P
IF
0.05
0.33
0.2
0.1
0.005
0.02
0.01
D =
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.22
0.5
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com