Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH203FA Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH203FA
Description  Silicon PIN Photodiode Version 1.3
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH203FA Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH203FA Datasheet HTML 1Page - OSRAM GmbH SFH203FA Datasheet HTML 2Page - OSRAM GmbH SFH203FA Datasheet HTML 3Page - OSRAM GmbH SFH203FA Datasheet HTML 4Page - OSRAM GmbH SFH203FA Datasheet HTML 5Page - OSRAM GmbH SFH203FA Datasheet HTML 6Page - OSRAM GmbH SFH203FA Datasheet HTML 7Page - OSRAM GmbH SFH203FA Datasheet HTML 8Page - OSRAM GmbH SFH203FA Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2015-12-23
1
2015-12-23
Silicon PIN Photodiode
Version 1.3
SFH 203 FA
Ordering Information
Features:
•
Wavelength range (S10%) 750 nm to 1100 nm
•
Short switching time (typ. 5 ns)
•
5 mm LED plastic package
Applications
•
Photointerrupters
•
Industrial electronics
•
For control and drive circuits
Type:
Photocurrent
Ordering Code
IP [µA]
V
R = 5 V, λ = 870 nm, Ee = 1
mW/cm2
SFH 203 FA
50 (≥ 30)
Q62702P0956


Similar Part No. - SFH203FA

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH203FA SIEMENS-SFH203FA Datasheet
225Kb / 4P
Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time
SFH203FA SIEMENS-SFH203FA Datasheet
199Kb / 4P
Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
logo
ams AG
SFH203FA AMSCO-SFH203FA Datasheet
1Mb / 15P
Silicon PIN Photodiode
Version 1.6 2022-08-11
SFH203FAAN23 AMSCO-SFH203FAAN23 Datasheet
1Mb / 15P
Silicon PIN Photodiode
Version 1.6 2022-08-11
More results

Similar Description - SFH203FA

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LPT80A OSRAM-LPT80A Datasheet
204Kb / 9P
Silicon NPN Phototransistor Version 1.3
SFH314FA OSRAM-SFH314FA Datasheet
219Kb / 10P
Silicon NPN Phototransistor Version 1.3
BP-104-FAS OSRAM-BP-104-FAS Datasheet
397Kb / 14P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.3
BP-104-FASR OSRAM-BP-104-FASR Datasheet
395Kb / 13P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.3
BP-104-S OSRAM-BP-104-S Datasheet
436Kb / 14P
Silicon PIN Photodiode Version 1.5
BP-104-SR OSRAM-BP-104-SR Datasheet
434Kb / 13P
Silicon PIN Photodiode Version 1.4
BPW-21 OSRAM-BPW-21 Datasheet
469Kb / 8P
Silicon Photodiode for the Visible Spectral Range Version 1.3
BPW-34-FA OSRAM-BPW-34-FA Datasheet
211Kb / 8P
Silicon PIN Photodiode with Daylight Filter Version 1.5
BPX-61 OSRAM-BPX-61 Datasheet
431Kb / 8P
Silicon PIN Photodiode Version 1.3
BPX-65 OSRAM-BPX-65 Datasheet
291Kb / 8P
Silicon PIN Photodiode Version 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com