Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH320FA Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH320FA
Description  Silicon NPN Phototransistor in SMT TOPLED짰-Package Version 1.4
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH320FA Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH320FA Datasheet HTML 1Page - OSRAM GmbH SFH320FA Datasheet HTML 2Page - OSRAM GmbH SFH320FA Datasheet HTML 3Page - OSRAM GmbH SFH320FA Datasheet HTML 4Page - OSRAM GmbH SFH320FA Datasheet HTML 5Page - OSRAM GmbH SFH320FA Datasheet HTML 6Page - OSRAM GmbH SFH320FA Datasheet HTML 7Page - OSRAM GmbH SFH320FA Datasheet HTML 8Page - OSRAM GmbH SFH320FA Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
2015-12-08
1
2015-12-08
Silicon NPN Phototransistor in SMT TOPLED
®-Package
Version 1.4
SFH 320 FA
Ordering Information
Features:
•
Spectral range of sensitivity:
(typ) 750 ... 1120 nm
•
Package: TOPLED
•
Special: High linearity
•
P-LCC-2 package
•
Available in groups
•
Suitable for all soldering methods
•
The product qualification test plan is based on the guidelines of AEC-Q101-REV-C, Stress Test Qualification
for Automotive Grade Discrete Semiconductors.
Applications
•
Miniature photointerrupters
•
Industrial electronics
•
For control and drive circuits
Type:
Photocurrent
Ordering Code
IPCE [µA]
λ = 950 nm, Ee = 0.1 mW/cm
2,
VCE = 5 V
SFH 320 FA
16 ... 80
Q65110A2472
SFH 320 FA-3
25 ... 50
Q65110A2470
SFH 320 FA-3/4
25 ... 80
Q65110A2475
SFH 320 FA-4
40 ... 80
Q65110A1836
Note:
Only one bin within one packing unit (variation less than 2:1)


Similar Part No. - SFH320FA

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH320FA SIEMENS-SFH320FA Datasheet
188Kb / 5P
NPN-Silizium-Fototransistor im SMT TOPLEDa-Gehause Silicon NPN Phototransistor in SMT TOPLEDa-Package
SFH320FA-3 SIEMENS-SFH320FA-3 Datasheet
188Kb / 5P
NPN-Silizium-Fototransistor im SMT TOPLEDa-Gehause Silicon NPN Phototransistor in SMT TOPLEDa-Package
SFH320FA-4 SIEMENS-SFH320FA-4 Datasheet
188Kb / 5P
NPN-Silizium-Fototransistor im SMT TOPLEDa-Gehause Silicon NPN Phototransistor in SMT TOPLEDa-Package
More results

Similar Description - SFH320FA

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP580 OPTEK-OP580 Datasheet
259Kb / 4P
Silicon Phototransistor in SMT Plastic Package
OP522 OPTEK-OP522 Datasheet
300Kb / 4P
Silicon Phototransistor in Miniature SMT Package
logo
OSRAM GmbH
SFH3219 OSRAM-SFH3219 Datasheet
64Kb / 7P
Silicon NPN Phototransistor in SMT-Package with lens
SFH325 OSRAM-SFH325_01 Datasheet
86Kb / 7P
Silicon NPN Phototransistor in SMT SIDELED짰-Package
SFH325FA OSRAM-SFH325FA Datasheet
396Kb / 14P
Silicon NPN Phototransistor in SMT SIDELED짰-Package Version 1.3
SFH-3201 OSRAM-SFH-3201 Datasheet
435Kb / 13P
Silicon NPN Phototransistor in SMT Package
SFH-3211-FA OSRAM-SFH-3211-FA Datasheet
409Kb / 14P
Silicon NPN Phototransistor in SMT TOPLED짰 RG-Package
SFH-320 OSRAM-SFH-320 Datasheet
414Kb / 14P
Silicon NPN Phototransistor in SMT TOPLED짰-Package
SFH-320-FA OSRAM-SFH-320-FA Datasheet
406Kb / 14P
Silicon NPN Phototransistor in SMT TOPLED짰-Package
logo
TT Electronics.
OP522 TTELEC-OP522 Datasheet
295Kb / 4P
Silicon Phototransistor in Miniature SMT Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com