Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH325FA Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH325FA
Description  Silicon NPN Phototransistor in SMT SIDELED짰-Package Version 1.3
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH325FA Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH325FA Datasheet HTML 1Page - OSRAM GmbH SFH325FA Datasheet HTML 2Page - OSRAM GmbH SFH325FA Datasheet HTML 3Page - OSRAM GmbH SFH325FA Datasheet HTML 4Page - OSRAM GmbH SFH325FA Datasheet HTML 5Page - OSRAM GmbH SFH325FA Datasheet HTML 6Page - OSRAM GmbH SFH325FA Datasheet HTML 7Page - OSRAM GmbH SFH325FA Datasheet HTML 8Page - OSRAM GmbH SFH325FA Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2015-12-14
4
Version 1.3
SFH 325 FA
Photocurrent 1) page 13
IPCE = f(VCE), Ee = Parameter
Photocurrent 1) page 13
IPCE / IPCE(25°C) = f(TA), VCE = 5 V
Dark Current 1) page 13
ICEO = f(VCE), E = 0
Dark Current 1) page 13
ICEO = f(TA), E = 0
V
OHF01529
CE
PCE
Ι
0
0
10
10
-2
10
-1
mA
V
5
10
15
20
25
30
35
mW
cm 2
0.1
0.25
2
cm
mW
0.5
2
cm
mW
1
2
cm
mW
T
OHF01524
A
0
-25
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
25
50
75
100
Ι
PCE
PCE
Ι
25
C
V
OHF01527
CE
CEO
Ι
-3
10
10
-2
10
-1
10
0
10
1
0
5
10
15
20
25
30
35
V
nA
T
OHF01530
A
CEO
Ι
-1
10
10
0
10
1
10
2
10
3
-25
nA
0
25
50
75
100
˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com