Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82M22 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT82M22
Description  5-Key 3D USBPS/2 Optical Mouse Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M22 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT82M22 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82M22 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82M22 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82M22 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M22 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M22 Datasheet HTML 6Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Application Circuits
This Application Circuit is for Reference Only
Note:
Layout 0.1
mF capacitor, 33W resistor and 0.01mF capacitor as close to VDD pin as possible.
HT82M22A
Rev. 1.10
4
August 4, 2004
H T 8 2 M 2 2 A
1
2
3
4
5
6
7
8
1 0
V S S
V 3 3 O
U S B D + / C L K
U S B D - / D A T A
R E S E T
S E L 1
S D I O
S C L K
R B 0
V D D
U S B -
U S B +
V S S
5 k W
O S C 1
O S C 2
V D D
L E D
M
R
L
Z 2
Z 1
R B 1
S E L 0
9
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
M B
R B
L B
R B 0
R B 1
1
2
3
4
3 3 p F
3 3 p F
1 . 5 k W
3 3 W
3 3 W
0 . 1 m F
6 M H z
1 M W
3 0 p F
3 0 p F
0 . 1 m F
1 0 0 k W
0 . 0 1 m F
1 0 m F
V D D
3 3 W
0 . 1 m F
A
B
C
R E F A
R E F B
X Y _ L E D
P D
S D I O
S C L K
G N D
G N D
R _ B I N
O S C _ I N
O S C _ O U T
X B
X A
Y B
Y A
V D D
1 5 k W
1 8 . 4 3 2 M H z
7
8
6
1 5
1 6
1
1 2
1 0
1 4
9
1 1
3
2
4
5
2 . 2 m F
0 . 1 m F
A D N S 2 0 5 1
0 . 1 m F
5 k W
S D I O
S C L K
S W 2
S W 1
1 3
S D I O
S C L K
N o t e : S W 1 = o p e n : 8 0 0 d p i ( d e f a u l t )
S W 1 = c l o s e : 4 0 0 d p i
S W 2 = o p e n : Z / 2 ( d e f a u l t )
S W 2 = c l o s e : Z / 4
1 0 k W
0 W
N o t e : ( S W 2 = o p e n , S W 1 = X ) : Z / 2 ( d e f a u l t )
( S W 2 = c l o s e , S W 1 = o p e n ) : Z / 4
H T 8 2 M 2 2 A
1
2
3
4
5
6
7
8
1 0
V S S
V 3 3 O
U S B D + / C L K
U S B D - / D A T A
R E S E T
S E L 1
S D I O
S C L K
R B 0
V D D
U S B -
U S B +
V S S
5 k W
O S C 1
O S C 2
V D D
L E D
M
R
L
Z 2
Z 1
R B 1
S E L 0
9
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
M B
R B
L B
R B 0
R B 1
1
2
3
4
3 3 p F
3 3 p F
1 . 5 k W
3 3 W
3 3 W
0 . 1 m F
6 M H z
1 M W
3 0 p F
3 0 p F
0 . 1 m F
1 0 0 k W
0 . 0 1 m F
1 0 m F
V D D
3 3 W
0 . 1 m F
A
B
C
V D D
2 4 M H z
1
2
2 . 2 m F
A D N S 2 6 1 0
0 . 1 m F
5 k W
S D I O
S C L K
S W 2
S W 1
7
S D I O
S C L K
G N D
O S C _ I N
O S C _ O U T
R E F A
X Y _ L E D
S D I O
S C L K
5
3
4
8
6
1 0 0 W
1 0 0 k W
1 k W
1 0 k W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com