Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH2302 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH2302
Description  Schnelle PIN-Fotodiode High Speed PIN-Photodiode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH2302 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH2302 Datasheet HTML 1Page - OSRAM GmbH SFH2302 Datasheet HTML 2Page - OSRAM GmbH SFH2302 Datasheet HTML 3Page - OSRAM GmbH SFH2302 Datasheet HTML 4Page - OSRAM GmbH SFH2302 Datasheet HTML 5Page - OSRAM GmbH SFH2302 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SFH 2302
Schnelle PIN-Fotodiode
High Speed PIN-Photodiode
Lead (Pb) Free Product - RoHS Compliant
2007-04-27
1
Wesentliche Merkmale
• Speziell geeignet für Anwendungen von 400nm
bis 1050nm
• Sehr kurze Schaltzeit im spezifizierten
Wellenlängenbereich
• Sehr kurze Schaltzeit bei geringer
Sperrspannung (<5V)
• Extrem kurze Abklingzeit („slow tail“)
• 3 mm-Plastikbauform im LED-Gehäuse
Anwendungen
• Optische Laufwerke (CD, DVD)
• Lichtschranken für Gleich- und Wechselbetrieb
• Industrieelektronik
• „Messen/Steuern/Regeln“
•LWL
• Abstandsmesser
Typ
Type
Bestellnummer
Ordering Code
SFH 2302
Q65110A6343
Features
• Especially suitable for applications from 400nm
to 1050nm
• Fast switching time within the specified
wavelength
• Fast switching time at low reverse voltage
(<5V)
• Ultra short decay time („slow tail“)
• 3 mm LED plastic package
Applications
• Optical Disc Drives (CD, DVD)
• Photointerrupters
• Industrial electronics
• For control and drive circuits
• Fibre optic transmission systems
• Range Finders


Similar Part No. - SFH2302

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH231 SIEMENS-SFH231 Datasheet
136Kb / 4P
Germanium-PIN-Fotodiode
logo
OSRAM GmbH
SFH2332 OSRAM-SFH2332 Datasheet
262Kb / 6P
Especially suitable for applications from 350nm to 780nm
logo
Siemens Semiconductor G...
SFH235 SIEMENS-SFH235 Datasheet
85Kb / 4P
Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
SFH235FA SIEMENS-SFH235FA Datasheet
85Kb / 4P
Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
logo
OSRAM GmbH
SFH235FA OSRAM-SFH235FA Datasheet
239Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
More results

Similar Description - SFH2302

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BP104S SIEMENS-BP104S Datasheet
47Kb / 4P
Neu: Silizium-PIN-Fotodiode, New: Silicon PIN Photodiode
BPX61 SIEMENS-BPX61 Datasheet
205Kb / 4P
Silizium-PIN-Fotodiode Silicon PIN Photodiode
BPX65 SIEMENS-BPX65 Datasheet
207Kb / 4P
Silizium-PIN-Fotodiode Silicon PIN Photodiode
SFH206K SIEMENS-SFH206K Datasheet
77Kb / 4P
Silizium-PIN-Fotodiode Silicon PIN Photodiode
logo
OPTEK Technologies
OPF482 OPTEK-OPF482 Datasheet
245Kb / 2P
High Speed PIN Photodiode
logo
OSRAM GmbH
BP104S OSRAM-BP104S_01 Datasheet
99Kb / 5P
Silizium-PIN-Fotodiode Silicon PIN Photodiode
SFH2701 OSRAM-SFH2701 Datasheet
385Kb / 13P
High Speed PIN Photodiode
SFH-2701 OSRAM-SFH-2701 Datasheet
385Kb / 13P
High Speed PIN Photodiode
SFH-2302 OSRAM-SFH-2302 Datasheet
230Kb / 6P
Schnelle PIN-Fotodiode
logo
ams AG
SFH2701 AMSCO-SFH2701 Datasheet
742Kb / 17P
High Speed PIN Photodiode
Version 1.3 2021-09-30
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com