Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMAS-3 Datasheet(PDF) 1 Page - Mini-Circuits

Part # ZMAS-3
Description  Attenuator/Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZMAS-3 Datasheet(HTML) 1 Page - Mini-Circuits

  ZMAS-3 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Typical Performance Data
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Control Current
30mA
ZMAS-3
ISOLATION
0
20
40
60
80
100
0
40
80
120
160
200
FREQUENCY (MHz)
IN-OUT
IN-CON
ZMAS-3
50
Ω
Bi-Phase
1 to 200 MHz
Attenuator/Switch
REV. A
M151107
ZMAS-3
WP/TD/CP
151005
Coaxial
CASE STYLE: M21
Connectors
Model
SMA
ZMAS-3
BRACKET (OPTION "B")
BRACKET (OPTION "BR")
ZMAS-3
ATTENUATION
0
10
20
30
40
50
60
0.0001
0.001
0.01
0.1
1
10
100
CONTROL CURRENT (mA)
1 MHz
100 MHz
200 MHz
Features
• wideband, 1 to 200 MHz
• rugged shielded case
• excellent phase and amplitude unbalance
• low insertion loss, 1.6 dB typ.
Applications
• bi-phase modulator
• electronic attenuator
Coaxial Connections
INPUT
3
OUTPUT
1
CONTROL
2
ZMAS-3
INSERTION LOSS
0.0
0.5
1.0
1.5
2.0
2.5
0
40
80
120
160
200
FREQUENCY (MHz)
suggested control port biasing configuration
Outline Drawing
Outline Dimensions (
)
A
B
C
D
E
F
GH
1.50
1.13
1.00
.50
.155 2.345
.138
.987
38.10 28.70 25.40 12.70
3.94 59.56
3.51 25.07
J
K
L
M
N
P
S
wt
2.50
.10
.31
.75
1.19
.66
.150 grams
63.50
2.54
7.87 19.05 30.23 16.76
3.81
40.0
inch
mm
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m = [ 2 f
L to fU/2]
Performance specifications apply for input power up to 10 dB below stated 1 dB compression.
FREQUENCY
(MHz)
INSERTION LOSS
(dB)
±20 mA
MAX. INPUT
PWR
(dBm)
±20mA
IN-OUT
ISOLATION
(dB)
0 mA
BI-PHASE X
(
±20 mA) Typ.
∆ AMP
(dB)
Phase (deg.)
deviation
from 180°
IN
CON
Mid-Band
m
Total
Range
1 dB
no
L
M
U
Total
Total
f
L-fU
Typ. Max. Typ. Max. compr. damage Typ. Min. Typ. Min. Typ. Min.
m
Range
m
Range
1-200
DC-0.05
1.4
2
1.6
2.5
15
30
65
50
50
40
50
35
0.10
0.1
0.5
1.0
—
electrical schematic
Attenuator/Switch Electrical Specifications
Freq.
(MHz)
I. Loss
(dB)
at 20mA
±Control
∆∆AMP
(dB)
20mA
∆∆Phase
(deg.)
Isolation (dB)
(in-out) (in-con)
Input
R. Loss
(dB)
Control
Current
(mA)
Attenuation (dB) Phase ∆ ref at 15mA Ctrl
Input VSWR
1
MHz
100
MHz
200
MHz
1
MHz
100
MHz
200
MHz
1
MHz
100
MHz
200
MHz
—
X
σ
—
X
—
X
—
X
—
X
—
X
deg.
deg.
deg.
1.0
1.28 0.002
0.01
180.0
78
52
23.5
0.0000 50.3 47.8 41.7
26.3
69.1
69.7 13.6 11.6
8.1
2.0
1.14 0.002
0.01
180.0
75
45
28.1
0.0004 47.0 47.3 41.2
19.0
65.6
65.4 13.5 11.6
8.1
5.0
1.08 0.002
0.01
180.0
69
38
35.4
0.0013 43.6 45.7 40.5
10.3
50.0
58.2 13.3 11.5
8.0
10.0
1.09 0.002
0.01
180.0
65
32
43.0
0.0032 40.7 43.3 39.0
5.7
36.8
46.4 12.9 11.3
7.9
16.4
1.12 0.002
0.01
179.9
63
28
42.7
0.0085 34.7 38.0 35.6
6.3
20.9
29.7 12.5 10.9
7.7
24.9
1.16 0.002
0.01
179.9
62
24
37.5
0.0162 33.0 33.5 32.0
6.6
12.3
19.1 11.7 10.3
7.4
31.8
1.18 0.002
0.01
179.9
61
22
35.2
0.0336 28.2 27.9 27.0
7.2
7.0
10.3 10.5
9.2
6.8
46.8
1.23 0.001
0.02
179.8
59
19
31.6
0.0567 24.5 23.9 23.1
7.5
4.7
6.0
9.3
8.1
6.1
49.8
1.24 0.001
0.02
179.8
59
19
31.0
0.0807 22.0 21.2 20.5
7.7
3.9
4.3
8.3
7.3
5.6
62.2
1.26 0.002
0.02
179.8
58
17
28.7
0.1215 19.1 18.2 17.5
7.5
3.0
2.9
7.1
6.2
4.9
77.6
1.30 0.001
0.02
179.7
57
15
26.4
0.1860 16.1 15.2 14.6
7.1
2.4
1.8
5.8
5.1
4.2
93.0
1.32 0.001
0.02
179.6
56
14
24.4
0.2459 14.2 13.3 12.8
6.5
2.1
1.4
5.0
4.5
3.7
100.0
1.34 0.001
0.02
179.6
55
13
23.5
0.3285 12.5 11.5 11.1
6.3
1.8
1.1
4.3
3.8
3.2
108.0
1.35 0.001
0.02
179.6
55
13
22.6
0.4365 10.8
9.9
9.6
5.7
1.6
0.9
3.6
3.3
2.8
123.4
1.39 0.001
0.02
179.5
54
12
21.0
0.5714
9.3
8.5
8.2
5.1
1.4
0.7
3.1
2.8
2.5
138.8
1.46 0.001
0.02
179.5
53
12
19.5
1.3114
5.6
5.2
5.1
3.3
0.8
0.3
2.0
1.9
1.7
154.2
1.54 0.001
0.02
179.4
52
11
18.2
2.0989
4.2
3.9
3.9
2.3
0.6
0.3
1.6
1.6
1.5
169.2
1.62 0.001
0.02
179.5
51
11
17.0
3.7220
2.9
2.8
2.9
1.3
0.3
0.1
1.3
1.3
1.3
184.6
1.73 0.001
0.02
179.5
51
11
15.9
7.0357
2.0
2.0
2.2
0.5
0.2
0.0
1.2
1.2
1.2
200.0
1.84 0.002
0.03
179.6
50
11
14.8
15.1415
1.4
1.5
1.8
0.0
0.0
0.0
1.1
1.1
1.1
Permanent damage may occur if any of these limits are exceeded.


Similar Part No. - ZMAS-3

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZMAS-1 MINI-ZMAS-1 Datasheet
213Kb / 1P
Attenuator/Switch
More results

Similar Description - ZMAS-3

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZAS-3 MINI-ZAS-3 Datasheet
164Kb / 1P
Attenuator/Switch
ZAS-1 MINI-ZAS-1 Datasheet
210Kb / 1P
Attenuator/Switch
SYAS-1 MINI-SYAS-1 Datasheet
293Kb / 1P
Attenuator/Switch
GAS-1 MINI-GAS-1 Datasheet
207Kb / 1P
Attenuator/Switch
GAS-2 MINI-GAS-2 Datasheet
207Kb / 1P
Attenuator/Switch
TFAS-1 MINI-TFAS-1 Datasheet
206Kb / 1P
Attenuator/Switch
TFAS-1SM MINI-TFAS-1SM Datasheet
298Kb / 1P
Attenuator/Switch
TFAS-2 MINI-TFAS-2 Datasheet
205Kb / 1P
Attenuator/Switch
TFAS-2SM MINI-TFAS-2SM Datasheet
260Kb / 1P
Attenuator/Switch
ZFAS-2000 MINI-ZFAS-2000 Datasheet
246Kb / 1P
Attenuator/Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com