Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

203DMQ Datasheet(PDF) 2 Page - International Rectifier

Part # 203DMQ
Description  The 203DMQ Schottky rectifier doubler module series has been optimized for low reverse leakage at high temperature.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

203DMQ Datasheet(HTML) 2 Page - International Rectifier

  203DMQ Datasheet HTML 1Page - International Rectifier 203DMQ Datasheet HTML 2Page - International Rectifier 203DMQ Datasheet HTML 3Page - International Rectifier 203DMQ Datasheet HTML 4Page - International Rectifier 203DMQ Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
203DMQ... Series
2
Bulletin PD-20579 rev. C 02/04
www.irf.com
V
FM
Max. Forward Voltage Drop
0.86
V
@ 100A
(Per Leg) * See Fig. 1
(1)
1.03
V
@ 200A
0.70
V
@ 100A
0.84
V
@ 200A
I
RM
Max. Reverse Leakage Current
3
mA
T
J =
25 °C
(Per Leg) * See Fig. 2
(1)
40
mA
T
J = 125 °C
V
F(TO) Threshold Voltage
0.50
V
T
J = TJ max.
r
t
Forward Slope Resistance
1.08
mΩ
C
T
Max. Junction Capacitance (Per Leg)
2,650
pF
V
R = 5VDC, (test signal range 100KHz to 1MHz) 25°C
L
S
Typical Series Inductance (Per Leg)
7.0
nH
From top of terminal hole to mounting plane
dv/dt Max. Voltage Rate of Change
10000
V/ µs
(Rated V
R)
I
F(AV) Max. Average Forward
200
A
50% duty cycle @ T
C = 107 °C, rectangular wave form
Current
* See Fig. 5
(Per Leg)
I
FSM
Max. Peak One Cycle Non-Repetitive
16,000
5µs Sine or 3µs Rect. pulse
Surge Current (Per Leg) * See Fig. 7
2,100
10ms Sine or 6ms Rect. pulse
E
AS
Non-Repetitive Avalanche Energy
15
mJ
T
J = 25 °C, IAS = 1 Amps, L = 30 mH
(Per Leg)
I
AR
Repetitive Avalanche Current
1
A
Current decaying linearly to zero in 1 µsec
(Per Leg)
Frequency limited by T
J max. VA = 1.5 x VR typical
Part number
203DMQ080
203DMQ100
VR
Max. DC Reverse Voltage (V)
80
100
V
RWM
Max. Working Peak Reverse Voltage (V)
Voltage Ratings
Absolute Maximum Ratings
Following any rated
load condition and with
rated V
RRM applied
A
Parameters
203DMQ Units
Conditions
T
J =
25 °C
T
J = 125 °C
V
R = rated VR
Electrical Specifications
(1) Pulse Width < 300µs, Duty Cycle <2%
Parameters
203DMQ Units
Conditions
T
J
Max. Junction Temperature Range
- 55 to 175
°C
T
stg
Max. Storage Temperature Range
- 55 to 175
°C
R
thJC Max. Thermal Resistance Junction
0.70
°C/W DC operation
* See Fig. 4
to Case (Per Leg)
R
thJC Max. Thermal Resistance Junction
0.35
°C/W DC operation
to Case (Per Package)
R
thCS Typical Thermal Resistance, Case
0.10
°C/W Mounting surface , smooth and greased
to Heatsink
wt
Approximate Weight
79 (2.80)
g (oz.)
T
Mounting Torque
Min.
24 (20)
Max.
35 (30)
Mounting Torque Center Hole Typ.
13.5 (12)
Terminal Torque
Min.
35 (30)
Max.
46 (40)
Case Style
TO - 244AB Isolated Modified JEDEC
Thermal-Mechanical Specifications
Kg-cm
(Ibf-in)
Parameters
203DMQ Units
Conditions



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com