Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS7787PbF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFS7787PbF
Description  Brushed Motor drive applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS7787PbF Datasheet(HTML) 1 Page - International Rectifier

  IRFS7787PbF Datasheet HTML 1Page - International Rectifier IRFS7787PbF Datasheet HTML 2Page - International Rectifier IRFS7787PbF Datasheet HTML 3Page - International Rectifier IRFS7787PbF Datasheet HTML 4Page - International Rectifier IRFS7787PbF Datasheet HTML 5Page - International Rectifier IRFS7787PbF Datasheet HTML 6Page - International Rectifier IRFS7787PbF Datasheet HTML 7Page - International Rectifier IRFS7787PbF Datasheet HTML 8Page - International Rectifier IRFS7787PbF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
StrongIRFET™
IRFB7787PbF
IRFS7787PbF
IRFSL7787PbF
HEXFET® Power MOSFET
Application
Brushed Motor drive applications
BLDC Motor drive applications
Battery powered circuits
Half-bridge and full-bridge topologies
Synchronous rectifier applications
Resonant mode power supplies
OR-ing and redundant power switches
DC/DC and AC/DC converters
DC/AC Inverters
Benefits
Improved Gate, Avalanche and Dynamic dV/dt Ruggedness
Fully Characterized Capacitance and Avalanche SOA
Enhanced body diode dV/dt and dI/dt Capability
Lead-Free, RoHS Compliant
Fig 1. Typical On-Resistance vs. Gate Voltage
Fig 2. Maximum Drain Current vs. Case Temperature
TO-220AB
IRFB7787PbF
D2Pak
IRFS7787PbF
TO-262
IRFSL7787PbF
S
D
G
S
D
G
S
D
G
D
G
D
S
Gate
Drain
Source
Base part number
Package Type
Standard Pack
Orderable Part Number
Form
Quantity
IRFB7787PbF
TO-220
Tube
50
IRFB7787PbF
IRFSL7787PbF
TO-262
Tube
50
IRFSL7787PbF
IRFS7787PbF
Tube
50
IRFS7787PbF
D2-Pak
Tape and Reel Left
800
IRFS7787TRLPbF
D
S
G
VDSS
75V
RDS(on) typ.
6.9m
max
8.4m
ID
76A
25
50
75
100
125
150
175
TC , CaseTemperature (°C)
0
20
40
60
80
4
8
12
16
20
VGS, Gate-to-Source Voltage (V)
0
10
20
30
40
TJ = 25°C
TJ = 125°C
ID = 46A
1
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
April 22, 2015


Similar Part No. - IRFS7787PbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFS7787PBF IRF-IRFS7787PBF Datasheet
990Kb / 13P
Brushed Motor drive applications
IRFS7787PBF IRF-IRFS7787PBF_15 Datasheet
990Kb / 13P
Brushed Motor drive applications
More results

Similar Description - IRFS7787PbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR7440PBF IRF-IRFR7440PBF Datasheet
298Kb / 11P
Brushed Motor drive applications
IRFS7430PBF IRF-IRFS7430PBF Datasheet
385Kb / 11P
Brushed motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com