Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2325 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2325
Description  High Efficiency 3A, 24V, 500kHz Synchronous Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2325 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2325 Datasheet HTML 9Page - Monolithic Power Systems MP2325 Datasheet HTML 10Page - Monolithic Power Systems MP2325 Datasheet HTML 11Page - Monolithic Power Systems MP2325 Datasheet HTML 12Page - Monolithic Power Systems MP2325 Datasheet HTML 13Page - Monolithic Power Systems MP2325 Datasheet HTML 14Page - Monolithic Power Systems MP2325 Datasheet HTML 15Page - Monolithic Power Systems MP2325 Datasheet HTML 16Page - Monolithic Power Systems MP2325 Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
MP2325
– 24V, 3A SYNC STEP DOWN CONVERTER
MP2325 Rev. 1.0
www.MonolithicPower.com
13
12/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Selecting the Output Capacitor
The output capacitor (C2)
is required to
maintain the DC output voltage. Ceramic,
tantalum, or low ESR electrolytic capacitors are
recommended.
Low
ESR
capacitors
are
preferred to keep the output voltage ripple low.
The output voltage ripple can be estimated by:
OUT
OUT
OUT
ESR
S
1
IN
S
VV
1
V
1
R
f
L
V
8 f
C2


 


 
 
Where L1 is the inductor value and RESR is the
equivalent series resistance (ESR) value of the
output capacitor.
In
the
case
of
ceramic
capacitors,
the
impedance
at
the
switching
frequency
is
dominated by the capacitance. The output
voltage
ripple
is
mainly
caused
by
the
capacitance.
For
simplification,
the
output
voltage ripple can be estimated by:
OUT
OUT
OUT
2
IN
S1
VV
ΔV
1
V
8 f
L
C2

 

 

In the case of tantalum or electrolytic capacitors,
the ESR dominates the impedance at the
switching frequency. For simplification, the
output ripple can be approximated to:
OUT
OUT
OUT
ESR
IN
S1
VV
ΔV
1
R
f
L
V

 


The characteristics of the output capacitor also
affect the stability of the regulation system. The
MP2325 can be optimized for a wide range of
capacitance and ESR values.
External Bootstrap Diode
An external bootstrap diode may enhance the
efficiency
of
the
regulator,
the
applicable
conditions of external BST diode are:
VOUT is 5V or 3.3V;
Duty cycle is high: D=
IN
OUT
V
V
>65%
In these cases, an external BST diode is
recommended from the VCC pin to BST pin, as
shown in Figure 6.
RBST
MP2325
Figure 6: Add Optional External
Bootstrap Diode to Enhance Efficiency
The recommended external BST diode is
IN4148, and the BST cap is 0.1
μF─1μF.
PC Board Layout
(6)
PCB layout is very important to achieve stable
operation. Please follow these guidelines and
take Figure 7 as reference.
1) Keep the connection of input ground and
GND pin as short and wide as possible.
2) Keep the connection of input capacitor and
IN pin as short and wide as possible.
3) Ensure all feedback connections are short
and direct. Place the feedback resistors and
compensation components as close to the chip
as possible.
4) Route SW away from sensitive analog areas
such as FB.
Notes:
6) The recommended layout is based on the Figure 8 Typical
Application circuit on the next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com