Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2326 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2326
Description  19V, 4A, 40關A IQ, High-Efficiency Constant-On-Time (COT) Step-Down Converter in a 2mmx3mm QFN Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2326 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2326 Datasheet HTML 8Page - Monolithic Power Systems MP2326 Datasheet HTML 9Page - Monolithic Power Systems MP2326 Datasheet HTML 10Page - Monolithic Power Systems MP2326 Datasheet HTML 11Page - Monolithic Power Systems MP2326 Datasheet HTML 12Page - Monolithic Power Systems MP2326 Datasheet HTML 13Page - Monolithic Power Systems MP2326 Datasheet HTML 14Page - Monolithic Power Systems MP2326 Datasheet HTML 15Page - Monolithic Power Systems MP2326 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
MP2326 – 19V, 4A, LOW IQ STEP-DOWN CONVERTER
MP2326 Rev. 1.1
www.MonolithicPower.com
12
1/28/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
PWM Operation
The MP2326 is a fully integrated, synchronous,
rectified, step-down, switch converter. The device
uses constant-on-time (COT) control to provide
fast
transient
response
and
easy
loop
compensation. Fig. 2 shows the MP2326s
simplified ramp compensation block. At the
beginning of each cycle, the high-side MOSFET
(HS-FET) turns on when the ramp voltage (VRamp)
is lower than the error amplifier output voltage
(VEAO), which indicates insufficient output voltage.
The input voltage and the frequency-set resistor
determine the HS-FET turn-on timer (TON).
After the on period elapses, the HS-FET enters
the off state. By cycling the HS-FET between the
on and off states, the converter regulates the
output voltage. The integrated low-side MOSFET
(LS-FET) turns on during the HS-FETs off state
to minimize the conduction loss.
Shoot-through occurs when both the HS-FET
and the LS-FET are turned on at the same time,
causing a dead short between the input and GND.
Shoot-through reduces efficiency dramatically.
The MP2326 avoids shoot-through by internally
generating a dead-time (DT) between the HS-
FET off-time and the LS-FET on-time, and the
LS-FET off-time and the HS-FET on-time.
Depending on the output current, the device
enters either heavy-load operation or light-load
operation.
FIGURE 2. Simplified Ramp Compensation Block
MODE Selection
Connecting a resistor (R6) from FREQ/MODE to
VIN sets the switching frequency (see Fig. 3).
Meanwhile, the part works in forced PWM mode.
Connect a resistor (R7) from FREQ/MODE to
GND to set the switching frequency. Meanwhile,
the part works in auto PFM/PWM mode.
FIGURE 3.Mode Selection
Switching Frequency
MP2326 uses constant-on-time (COT) control;
there is no dedicated oscillator in the IC. The
input voltage is feed-forwarded to the on-time
one-shot timer through the frequency resistor.
The duty ratio is kept at VOUT/VIN, and the
switching frequency is fairly constant over the
input voltage range. The approximate typical
switching frequency can be determined with the
following equation:
6
SW
IN
on
OUT
10
F(kHz)
V(V)
T(ns)
V(V)
(1)
TON will be slightly different at forced PWM mode
and auto PFM/PWM mode.
The approximate
typical TON formula is shown below:
Forced PWM mode:
FREQ
ON _ PWM
DELAY _ PWM
IN
14.5 R
(k )
TT
(ns)
V(V) 0.4

(2)
Auto PFM/PWM mode:
FREQ
ON _ PFM
DELAY _ PFM
IN
13 R
(k )
TT
(ns)
V(V) 0.4

(3)
Where TDELAY_PWM and TDELAY_PFM represent the
comparator delay. The typical value equals
approximately 15ns and 10ns, respectively.
When the part enters CCM mode, the duty ratio
changes slightly from light load to full load due to
power loss. This causes the frequency to change
slightly from light load to full load even in CCM
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com