Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCSFW530-R20M Datasheet(PDF) 1 Page - Allied Components International

Part # PCSFW530-R20M
Description  SMD Shielded Flat Wire Power Choke
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCSFW530-R20M Datasheet(HTML) 1 Page - Allied Components International

  PCSFW530-R20M Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Shielded Flat Wire Power Choke
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
03/29/2017
Features
•Magnetically Shielded Construction
Electrical
Inductance Range: 0.20µH to 10µH
Tolerance: 20% over entire range
Operating Temp: -55ºC ~ +125ºC
Pre-Heat: 160ºC ±10°C
Test Equipment
(L): HP4284A LCR meter
•Ultra High Saturation Current up to 14A
Resistance to Soldering Heat
Solder Heat Resistance: 260ºC ± 5ºC for 10±1 sec.
DCR: Milli-ohm meter
Test Frequency: 100KHz, 0.25V
•Low DC Resistance
•Expanded operating temp range
Temp: 85°C ± 2°C
•Suitable for pick and place
Physical
Packaging: 2000pcs per 13 inch reel
Marking: EIA Inductance Code
All specifications subject to change without notice.
Allied
Part
Number
Inductance
(µH)
Irms
(A)
Test
Frequency
(KHz, 0.25V)
Tolerance
(±%)
DCR
(mΩ)
Max
14.0
11.0
9.0
8.5
8.2
7.0
5.5
4.5
3.5
3.2
Isat
(A)
Typ
Typ
Storage Temp: -55ºC ~ +125ºC
Irms: Current at which The Temperature would
Rise by Approximately 40°C
Isat: Current at which The Inductance will Drop
by Approximately 30%
Under no condition should the part exceed 125°C
PCSFW530
PCSFW530-R20M
PCSFW530-R47M
PCSFW530-R68M
PCSFW530-1R0M
PCSFW530-1R5M
PCSFW530-2R2M
PCSFW530-3R3M
PCSFW530-4R7M
PCSFW530-6R8M
PCSFW530-100M
0.20
0.47
0.68
1.0
1.5
2.2
3.3
4.7
6.8
10
20
20
20
20
20
20
20
20
20
20
100
100
100
100
100
100
100
100
100
100
3.9
8.5
12.0
14.0
25.0
29.0
38.0
60.0
90.0
125.0
14.5
12.0
11.5
11.0
8.5
7.5
6.0
5.0
4.0
3.5
100
A
B
C
D
E
F
G
H
5.2±0.20
2.8±0.2
1.2±0.2
2.5
5.4±0.3
2.2±0.3
1.9
2.2
Dimensions: (mm)


Similar Part No. - PCSFW530-R20M

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCSFW104B ALLIED-PCSFW104B Datasheet
595Kb / 1P
SMD Shielded Flat Wire Power Choke
PCSFW104B-100M ALLIED-PCSFW104B-100M Datasheet
595Kb / 1P
SMD Shielded Flat Wire Power Choke
PCSFW104B-1R0M ALLIED-PCSFW104B-1R0M Datasheet
595Kb / 1P
SMD Shielded Flat Wire Power Choke
PCSFW104B-1R5M ALLIED-PCSFW104B-1R5M Datasheet
595Kb / 1P
SMD Shielded Flat Wire Power Choke
PCSFW104B-2R2M ALLIED-PCSFW104B-2R2M Datasheet
595Kb / 1P
SMD Shielded Flat Wire Power Choke
More results

Similar Description - PCSFW530-R20M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSH1260ER FRONTIER-CSH1260ER Datasheet
132Kb / 1P
SMD Power Choke (Shielded)
CSN0410H FRONTIER-CSN0410H Datasheet
158Kb / 2P
SMD Power Choke (Shielded)
logo
Allied Components Inter...
PCSFW189 ALLIED-PCSFW189 Datasheet
1Mb / 1P
Shielded Power Choke Flat Wire
FWPQ2616 ALLIED-FWPQ2616 Datasheet
3Mb / 1P
Flat Wire SMD Power Inductor
FWECY1390 ALLIED-FWECY1390 Datasheet
688Kb / 1P
Shielded Flat Wire Power Inductor
FWPQ2617S-330K ALLIED-FWPQ2617S-330K Datasheet
3Mb / 1P
Flat Wire SMD Power Inductor
PCSFW104B ALLIED-PCSFW104B Datasheet
595Kb / 1P
SMD Shielded Flat Wire Power Choke
PCSFW420 ALLIED-PCSFW420 Datasheet
630Kb / 1P
SMD Shielded Flat Wire Power Choke
PCSFW630 ALLIED-PCSFW630 Datasheet
653Kb / 1P
SMD Shielded Flat Wire Power Choke
PCSFW630B ALLIED-PCSFW630B Datasheet
624Kb / 1P
SMD Shielded Flat Wire Power Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com