Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP21148 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP21148
Description  1A, Synchronous, Step-Down Converter with CCM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP21148 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP21148 Datasheet HTML 6Page - Monolithic Power Systems MP21148 Datasheet HTML 7Page - Monolithic Power Systems MP21148 Datasheet HTML 8Page - Monolithic Power Systems MP21148 Datasheet HTML 9Page - Monolithic Power Systems MP21148 Datasheet HTML 10Page - Monolithic Power Systems MP21148 Datasheet HTML 11Page - Monolithic Power Systems MP21148 Datasheet HTML 12Page - Monolithic Power Systems MP21148 Datasheet HTML 13Page - Monolithic Power Systems MP21148 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MP21148 – 1A, SYNCHRONOUS, STEP-DOWN CONVERTER WITH CCM
MP21148 Rev. 1.1
www.MonolithicPower.com
12
2/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
For simplification, choose an input capacitor
with an RMS current rating greater than half of
the maximum load current.
The input capacitor can be electrolytic, tantalum,
or ceramic. When using electrolytic or tantalum
capacitors, add a small, high-quality
0.1μF
ceramic capacitor as close to the IC as possible.
When using ceramic capacitors, ensure that
they have enough capacitance to provide a
sufficient charge to prevent excessive voltage
ripple at the input. The input voltage ripple
caused by capacitance can be estimated with
Equation (7):
LOAD
OUT
OUT
IN
IN
S
IN
I
V
V
V1
f
C1
V
V

 


(7)
Selecting the Output Capacitor
The output capacitor (C2) stabilizes the DC
output
voltage.
Ceramic
capacitors
are
recommended. For best results, use low ESR
capacitors to limit the output voltage ripple. The
output voltage ripple can be estimated with
Equation (8):
OUT
OUT
OUT
ESR
S
1
IN
S
VV
1
V
1
R
f
L
V
8 f
C2


 


 
 
(8)
Where L1 is the inductor value and RESR is the
equivalent series resistance (ESR) value of the
output capacitor.
When
using
ceramic
capacitors,
the
capacitance dominates the impedance at the
switching frequency and causes most of the
output voltage ripple. For simplification, the
output voltage ripple can be estimated with
Equation (9):
OUT
OUT
OUT
2
S
1
IN
VV
ΔV1
8 f
L
C2
V

 

 

(9)
For tantalum or electrolytic capacitors, the ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple
can be approximated with Equation (10):
OUT
OUT
OUT
ESR
IN
S1
VV
ΔV
1
R
f
L
V

 


(10)
The characteristics of the output capacitor also
affect the stability of the regulation system.
PCB Layout Guidelines
Efficient
PCB
layout
is
critical for
stable
operation. For the high-frequency switching
converter, a poor layout design can result in
poor line or load regulation and stability issues.
For best results, refer to Figure 3 and follow the
guidelines below.
1. Place the high-current paths (GND, IN, and
SW) very close to the device with short,
direct, and wide traces.
2. Place the input capacitor as close to IN and
GND as possible.
3. Place the external feedback resistors next
to FB.
4. Keep the switching node SW short and
away from the feedback network.
5. Keep the VOUT sense line as short as
possible or keep it away from the power
inductor.
Lout
2
1
3
5
6
4
VIN
SW
GND
EN
OUT
FB
Cout
R1
GND
R2
Vin
Vout
EN
Cin
Figure 3: Two Ends of Input Decoupling
Capacitor Close to Pin 2 and Pin 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com