Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCSFW630-R47M Datasheet(PDF) 1 Page - Allied Components International

Part # PCSFW630-R47M
Description  SMD Shielded Flat Wire Power Choke
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCSFW630-R47M Datasheet(HTML) 1 Page - Allied Components International

  PCSFW630-R47M Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Shielded Flat Wire Power Choke
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
03/29/2017
Pre-Heat: 160ºC ±10°C
Test Equipment
(L): HP4284A LCR meter
Resistance to Soldering Heat
Solder Heat Resistance: 260ºC ± 5ºC for 10±1 sec.
DCR: Milli-ohm meter
Temp: 85°C ± 2°C
Physical
Packaging: 1500pcs per 13 inch reel
Marking: EIA Inductance Code
All specifications subject to change without notice.
Allied
Part
Number
Inductance
(µH)
Irms
(A)
Test
Frequency
(KHz, 0.25V)
Tolerance
(±%)
DCR
(mΩ)
Max
24.0
21.0
18.0
16.5
16.0
12.0
12.0
9.5
8.5
6.0
5.0
4.5
3.0
2.3
2.0
Isat
(A)
Typ
Typ
PCSFW630
PCSFW630-R22M
PCSFW630-R33M
PCSFW630-R47M
PCSFW630-R56M
PCSFW630-R68M
PCSFW630-1R0M
PCSFW630-1R5M
PCSFW630-2R2M
PCSFW630-3R3M
PCSFW630-4R7M
PCSFW630-6R8M
PCSFW630-100M
PCSFW630-150M
PCSFW630-220M
PCSFW630-330M
0.22
0.33
0.47
0.56
0.68
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
3.0
3.5
4.1
4.5
5.3
7.4
12.1
15.0
22.0
33.0
48.0
67.0
115.0
200.0
310.0
34.0
25.0
20.0
18.0
17.0
15.0
14.0
10.0
9.5
6.5
6.0
5.5
4.5
3.0
2.5
100
A
B
C
D
E
F
G
H
6.6±0.20
2.8±0.2
1.6±0.3
3.5
7.0±0.3
3.0±0.3
2.35
3.7
Features
•Magnetically Shielded Construction
Electrical
Inductance Range: 0.22µH to 33µH
Tolerance: 20% over entire range
Operating Temp: -55ºC ~ +125ºC
•Ultra High Saturation Current up to 14A
Test Frequency: 100KHz, 0.25V
•Low DC Resistance
•Expanded operating temp range
•Suitable for pick and place
Storage Temp: -55ºC ~ +125ºC
Irms: Current at which The Temperature would
Rise by Approximately 40°C
Isat: Current at which The Inductance will Drop
by Approximately 30%
Under no condition should the part exceed 125°C
Dimensions: (mm)


Similar Part No. - PCSFW630-R47M

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCSFW630B ALLIED-PCSFW630B Datasheet
624Kb / 1P
SMD Shielded Flat Wire Power Choke
PCSFW630B-100M ALLIED-PCSFW630B-100M Datasheet
624Kb / 1P
SMD Shielded Flat Wire Power Choke
PCSFW630B-1R0M ALLIED-PCSFW630B-1R0M Datasheet
624Kb / 1P
SMD Shielded Flat Wire Power Choke
PCSFW630B-1R5M ALLIED-PCSFW630B-1R5M Datasheet
624Kb / 1P
SMD Shielded Flat Wire Power Choke
PCSFW630B-2R2M ALLIED-PCSFW630B-2R2M Datasheet
624Kb / 1P
SMD Shielded Flat Wire Power Choke
More results

Similar Description - PCSFW630-R47M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSH1260ER FRONTIER-CSH1260ER Datasheet
132Kb / 1P
SMD Power Choke (Shielded)
CSN0410H FRONTIER-CSN0410H Datasheet
158Kb / 2P
SMD Power Choke (Shielded)
logo
Allied Components Inter...
PCSFW189 ALLIED-PCSFW189 Datasheet
1Mb / 1P
Shielded Power Choke Flat Wire
FWPQ2616 ALLIED-FWPQ2616 Datasheet
3Mb / 1P
Flat Wire SMD Power Inductor
FWECY1390 ALLIED-FWECY1390 Datasheet
688Kb / 1P
Shielded Flat Wire Power Inductor
FWPQ2617S-330K ALLIED-FWPQ2617S-330K Datasheet
3Mb / 1P
Flat Wire SMD Power Inductor
PCSFW104B ALLIED-PCSFW104B Datasheet
595Kb / 1P
SMD Shielded Flat Wire Power Choke
PCSFW420 ALLIED-PCSFW420 Datasheet
630Kb / 1P
SMD Shielded Flat Wire Power Choke
PCSFW530 ALLIED-PCSFW530 Datasheet
618Kb / 1P
SMD Shielded Flat Wire Power Choke
PCSFW630B ALLIED-PCSFW630B Datasheet
624Kb / 1P
SMD Shielded Flat Wire Power Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com