Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCXA402-R10M Datasheet(PDF) 1 Page - Allied Components International

Part # PCXA402-R10M
Description  Shielded High Current Power Choke
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCXA402-R10M Datasheet(HTML) 1 Page - Allied Components International

  PCXA402-R10M Datasheet HTML 1Page - Allied Components International PCXA402-R10M Datasheet HTML 2Page - Allied Components International PCXA402-R10M Datasheet HTML 3Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Shielded High Current Power Choke
PCXA402
15
DCR
(mΩ)
Typ.@25°C
Isat (A)
Allied
Part
Number
Inductance
(µH)
±20% @ 0A
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
All specifications subject to change without notice.
04/13/2017
Irms (A) Typ.
Features
• High Operating Temperature Range
• High Efficiency
Electrical
Inductance Range: 0.10µH to 2.2µH
Tolerance: ±20% Across entire series
Operating Temp: -40ºC to +125ºC
Test Equipment
(L): HP4284A LCR meter or equivalent
Pre-Heat: 150ºC, 1 minute.
Physical
Packaging: 3000 pieces per 13 inch reel.
Resistance to Soldering Heat
Solder Composition: Sn96.5% Ag3% Cu0.5%
Solder Temp: 245ºC ± 5ºC
DCR: CH16502, Agilent 33420A Mirco-
Ohmmeter
Marking: EIA Inductance Code/ Date Code
Irms: Current at which
temp rise without core loss.
Isat: Current at which Inductance drop is
appoximately 30%. The part temperature
(ambient + temp rise) should not exceed 125°C
under worst case operating conditions.
Test Frequency: 100KHz, 0.1V
• Low DCR
• Suitable for pick and place
∆
T=20ºC & ∆ T=40ºC
Immersion Time: 4 sec. ± 1 sec.
2.20
4.10
5.60
6.90
8.40
8.60
10.4
13.3
16.2
21.0
25.0
35.2
38.0
19.5
17.0
15.5
14.0
13.7
12.0
9.6
9.0
8.0
7.5
6.5
13.5
13.0
11.0
10.0
8.5
8.0
7.6
6.8
6.6
5.8
5.2
4.6
• Very low acoustic noise and very
low leakage flux noise.
PAGE 1 OF 3
DCR
(mΩ)
Max@25°C
2.42
4.60
6.30
7.73
9.30
9.52
11.6
14.6
17.9
23.5
28.0
38.7
• High Current with Soft Saturation
Depth: Completely cover the termination
Reflow times: 3 times max.
60~180s
60~150s
217
150
TIME( sec.)
200
25
480s max.
tp(245° C / 20~40s.)
PRE-HEATING
Reflow Soldering
SOLDERING
NATURAL
COOLING
TP(260℃ / 10s max.)
20°C
Rise
40°C
Rise
18.0
16.8
14.5
14.0
12.0
11.7
10.5
9.6
9.0
7.6
7.0
5.6
Typ
Max
33.0
18.8
15.0
13.5
12.6
12.3
10.6
8.8
7.8
7.4
7.0
6.0
MSL: Level 1
Dimensions: Inches
(mm)
H
B
C
E
F
A
 
D
Recommend PCB Layout
L
G
H
A
B
C
D
E
F
1R0
YYWW
.161±.008
(4.1±0.2)
.161±.008
(4.1±0.2)
.075±.008
(1.9±0.2)
.134±.012
(3.4±0.3)
.035±.008
(0.88±0.2)
.063±.010
(1.6±0.25)
.134
(3.4) Ref
.055
(1.4) Ref
.150
(3.8) Ref
PCXA402-R10M
PCXA402-R22M
PCXA402-R36M
PCXA402-R40M
PCXA402-R56M
PCXA402-R60M
PCXA402-R72M
PCXA402-1R0M
PCXA402-1R2M
PCXA402-1R5M
PCXA402-1R8M
PCXA402-2R2M
0.10
0.22
0.36
0.40
0.56
0.60
0.72
1.00
1.20
1.50
1.80
2.20


Similar Part No. - PCXA402-R10M

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCXA502 ALLIED-PCXA502 Datasheet
1Mb / 3P
Shielded High Current Power Choke
PCXA502-1R0M ALLIED-PCXA502-1R0M Datasheet
1Mb / 3P
Shielded High Current Power Choke
PCXA502-1R2M ALLIED-PCXA502-1R2M Datasheet
1Mb / 3P
Shielded High Current Power Choke
PCXA502-1R5M ALLIED-PCXA502-1R5M Datasheet
1Mb / 3P
Shielded High Current Power Choke
PCXA502-R15M ALLIED-PCXA502-R15M Datasheet
1Mb / 3P
Shielded High Current Power Choke
More results

Similar Description - PCXA402-R10M

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC63R8-R10M-RC ALLIED-PCHC63R8-R10M-RC Datasheet
354Kb / 1P
SMD High Current Shielded Choke
PCHC412R8 ALLIED-PCHC412R8 Datasheet
412Kb / 1P
SMD High Current Shielded Choke
PCHC415R8 ALLIED-PCHC415R8 Datasheet
402Kb / 1P
SMD High Current Shielded Choke
PCHC412R8L ALLIED-PCHC412R8L Datasheet
400Kb / 1P
SMD High Current Shielded Choke
PCHC615R8A ALLIED-PCHC615R8A Datasheet
425Kb / 1P
SMD High Current Shielded Choke
PCHC420Z2 ALLIED-PCHC420Z2 Datasheet
676Kb / 1P
SMD High Current Shielded Choke
PCXA502 ALLIED-PCXA502 Datasheet
1Mb / 3P
Shielded High Current Power Choke
PCXA503 ALLIED-PCXA503 Datasheet
1Mb / 3P
Shielded High Current Power Choke
PCXA603 ALLIED-PCXA603 Datasheet
1Mb / 3P
Shielded High Current Power Choke
PCXLR402 ALLIED-PCXLR402 Datasheet
1Mb / 3P
Shielded High Current Power Choke
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com