Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM10S Datasheet(PDF) 3 Page - Allied Components International

Part # SCM10S
Description  SMD Wirewound Common Mode Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

SCM10S Datasheet(HTML) 3 Page - Allied Components International

  SCM10S Datasheet HTML 1Page - Allied Components International SCM10S Datasheet HTML 2Page - Allied Components International SCM10S Datasheet HTML 3Page - Allied Components International SCM10S Datasheet HTML 4Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RoHS
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
REVISED 10/03/2017
1
10
100
1000
10000
FREQUENCY(MHz)
0.1
1
10
100
1000
SCM10S-221
Common Mode
Normon Mode
1
10
100
1000
10000
FREQUENCY(MHz)
0.1
1
10
100
1000
Common Mode
Normal Mode
SCM10S-261
SCM10S
SMD Wirewound Common Mode Filter
1
10
100
1000
10000
FREQUENCY(MHz)
0.1
1
10
100
1000
Common Mode
Normon Mode
SCM10S-361
Typical Impedance v.s. Frequency Curve
______________________________



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com