Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCXLR402-2R0M Datasheet(PDF) 2 Page - Allied Components International

Part # PCXLR402-2R0M
Description  Shielded High Current Power Choke
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCXLR402-2R0M Datasheet(HTML) 2 Page - Allied Components International

  PCXLR402-2R0M Datasheet HTML 1Page - Allied Components International PCXLR402-2R0M Datasheet HTML 2Page - Allied Components International PCXLR402-2R0M Datasheet HTML 3Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Shielded High Current Power Choke
PCXLR402
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
Revised 04/26/2017
PAGE 2 OF 3
Typical Performance Curves
0
3.2
6.4
9.6
12.8
16
DC CURRENT(A)
0
0.16
0.32
0.48
0.64
0.8
0
10
20
30
40
50
PCXLR402-R47
0
3
6
9
12
15
DC CURRENT(A)
0
0.24
0.48
0.72
0.96
1.2
0
10
20
30
40
50
PCXLR402-R68
0
2.8
5.6
8.4
11.2
14
DC CURRENT(A)
0
0.26
0.52
0.78
1.04
1.3
0
10
20
30
40
50
PCXLR402-R82
0
2.8
5.6
8.4
11.2
14
DC CURRENT(A)
0
0.34
0.68
1.02
1.36
1.7
0
12
24
36
48
60
PCXLR402-1R0
0
2.8
5.6
8.4
11.2
14
DC CURRENT(A)
0
0.4
0.8
1.2
1.6
2
0
12
24
36
48
60
PCXLR402-1R2
0
2
46
8
10
DC CURRENT(A)
0
0.5
1
1.5
2
2.5
0
10
20
30
40
50
PCXLR402-1R5
0
2
4
6
8
10
DC CURRENT(A)
0
0.7
1.4
2.1
2.8
3.5
0
11
22
33
44
55
PCXLR402-2R0
0
2
4
6
8
10
DC CURRENT(A)
0
0.7
1.4
2.1
2.8
3.5
0
11
22
33
44
55
PCXLR402-2R2
0
1.4
2.8
4.2
5.6
7
DC CURRENT(A)
0
1.1
2.2
3.3
4.4
5.5
0
10
20
30
40
50
PCXLR402-3R3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com