Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP28200 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP28200
Description  Ultra-Low 500nA Iq, High Efficiency, Wide Input 2V-5.5V, 1.5MHz, 200mA, Step-Down Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28200 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP28200 Datasheet HTML 9Page - Monolithic Power Systems MP28200 Datasheet HTML 10Page - Monolithic Power Systems MP28200 Datasheet HTML 11Page - Monolithic Power Systems MP28200 Datasheet HTML 12Page - Monolithic Power Systems MP28200 Datasheet HTML 13Page - Monolithic Power Systems MP28200 Datasheet HTML 14Page - Monolithic Power Systems MP28200 Datasheet HTML 15Page - Monolithic Power Systems MP28200 Datasheet HTML 16Page - Monolithic Power Systems MP28200 Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
MP28200 – 5.5V, 200
mA, 1.5MHz, ULTRA-LOW IQ, STEP-DOWN CONVERTER
MP28200 Rev.1.0
www.MonolithicPower.com
13
10/10/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The PG comparator is active when the device is
enabled. It is driven to a high impedance once
the output voltage trips the PG threshold (90%
of the regulation voltage, typically) and is pulled
low once the output voltage falls below the PG
hysteresis threshold (80% of the regulation
voltage, typically). The output is also pulled low
when the input voltage is lost or the part is
disabled.
Output Discharge Function
The step-down regulator features the output
discharge function once it is disabled. This
feature prevents residual charge voltages on
capacitors, which may impact a proper power-
up of the system. When the input voltage is
high and the related converters are disabled,
the output discharge is active.
100% Duty Cycle Mode
When the input voltage reduces and is lower
than the regulation output voltage, the output
voltage drops, and the on time increases.
Further reducing the input voltage drives the
MP28200 into 100% duty cycle mode. The
high-side switch is always on, and the output
voltage is determined by the loading current
times the RDS(ON) composed by the high-side
switch and inductor.
Current Limit
The MP28200 has an internal current limit for
the step-down converter.
The high-side switch current is monitored cycle-
by-cycle and compares with the current-limit
threshold. Once the current-limit comparator is
triggered, the high-side switch is turned off and
the low-side switch is turned on, reducing the
inductor current. Until the low-side switch
current is lower than the low-side current limit,
the high-side switch is not allowed to turn on
again.
Short Circuit and Recovery
If the output voltage of the buck converter is
shorted to GND, the current limit is triggered. If
the current limit is triggered every cycle for
200µs continuously, the MP28200 enters
hiccup mode for the buck converter. The short-
circuit condition can also be triggered when the
output voltage is lower than 50% of the
regulation output voltage and when the current
limit is reached simultaneously. The buck
disables the output power stage, discharges the
output voltage, and then attempts to recover
after a hiccup. If the short-circuit condition
remains, the MP28200 repeats this operation
until the short-circuit is removed and the output
rises back to regulation levels.
Thermal Shutdown Circuit and Recovery
When the thermal shutdown signal is triggered,
the MP28200 turns off and restarts when the
temperature falls below the thermal hysteresis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com