Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADLCF-II Datasheet(PDF) 2 Page - ADL Embedded Solutions

Part # ADLCF-II
Description  Compact Flash
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLCF-II Datasheet(HTML) 2 Page - ADL Embedded Solutions

  ADLCF-II Datasheet HTML 1Page - ADL Embedded Solutions ADLCF-II Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Compact Flash
Data subject to change without notice
ADL Embedded Solutions GmbH, Eiserfelder Straße 316 D-57080 Siegen,
ADL Embedded Solutions Inc., 4411 Morena Blvd., Suite 101
Germany P. +49 (0) 271 250 810 0 F. +49 (0) 271 250 810 20
San Diego, CA 92117-4345 P. +1 858 490-0597 F. +1 858 490-0599
e-mail: sales@adl-europe.com; web: www.adl-europe.com
e-mail: sales@adl-usa.com; web: www.adl-usa.com
Embedded Solutions
Technical Specifications
FEATURE
FUNCTION
Size
2.36” W x 2.0” L x .77” H 960mm x 56mm x 19mm)
Power Requirements
+ 5VDC, total watts depends on card inserted
IDE Interface
44 pin 2mm pitch “laptop” IDE connector
CF Socket
Type II socket with guides
Mounting Holes
3mm I/D x 4
Technical Drawing
On Back-side
Jumper Settings
Master: Close J2 and J3 (see figure 1)Slave Close J1 and J2 (see figure 1)
Figure 1
Figure 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com