Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADLLX8PC-F0 Datasheet(PDF) 2 Page - ADL Embedded Solutions

Part # ADLLX8PC-F0
Description  PC/104-Plus
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLLX8PC-F0 Datasheet(HTML) 2 Page - ADL Embedded Solutions

  ADLLX8PC-F0 Datasheet HTML 1Page - ADL Embedded Solutions ADLLX8PC-F0 Datasheet HTML 2Page - ADL Embedded Solutions ADLLX8PC-F0 Datasheet HTML 3Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ADLL8XPC PC/104-Plus
AMD Geode™ LX800
ADL Corporate: 4411 Morena Blvd. Suite 101 | San Diego, CA 92117-4345
T: 858.490.0597
F: 858.490.0599
sales@adl-usa.com
www.adl-usa.com
ADL Germany: Eiserfelder Straße 316 | D-57080 Siegen, Germany
T: +49 (0) 271.250.810.0
F: +49 (0) 271.250.810.20
sales@adl-europe.com
www.adl-europe.com
TECHNICAL SPECIFICATIONS - ADLL8XPC
FEATURE
FUNCTION
REMARKS
OPTIONS
Processor/CPU
Geode LX800
L2-Cache
128KB
Performance (MHz)
500MHz
BIOS
Phoenix Award 6.1
Power Management
ACPI 2.0 / APM 1.2
ACPI 2.0 / APM 1.2
DRAM Min-Max (MB)
SoDIMM200 512MB-1GB DDR400
Mouse, Keyboard
PS/2, USB
Floppy Interface
Shared interface with LPT
IDE Interface*
PATA (EIDE)
PIO 0/1/2/3/4 - DMA33/66/100, Primary
Only
COM1
RS232
RS422/485 optional
COM2
RS232
RS422/485 optional
COM3 / COM4
--
LPT1
Shared interface with FDC
Uni/ECP/EPP/FDC
USB
4x USB 1.1 / 2.0
USB 1-3 cfg HOST, USB 4 cfg DEVICE
LAN
Intel® 82551ER
10/100 Base-T
Audio
AC97:AMD CS5536 / Realtek ALC655
Anlg In: Lin/Mic/PC Beep, Anlg Out:Lin,
SPDif In/out
Video Controller
Geode LX800
Video Memory
254MB
CRT Video
1920 x 1440 max resolution
LCD Interface
18-Bit LVDS
LCD Resolution
1600 x 1200 max
Video Input
7.5
EEPROM Support
yes
Watchdog
yes
other
TPM Interface
Power Consumption
1.48A - 1.50@ +5VDC (Typical)**
**Typical value applies to all models
using 256MB - 1GB RAM with passive/
active cooling solutions
Cooling Type
Passive
Operating Temperature
-20°C to +70°C
Extended Temperature
Optional -40°C to +85°C
Dimensions
3.6” x 3.8” (90mm x 96mm)
*Data subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com